Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 7Page - Microchip Technology MIC2033 Datasheet HTML 8Page - Microchip Technology MIC2033 Datasheet HTML 9Page - Microchip Technology MIC2033 Datasheet HTML 10Page - Microchip Technology MIC2033 Datasheet HTML 11Page - Microchip Technology MIC2033 Datasheet HTML 12Page - Microchip Technology MIC2033 Datasheet HTML 13Page - Microchip Technology MIC2033 Datasheet HTML 14Page - Microchip Technology MIC2033 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 11
MIC2033
FIGURE 2-25:
Output Recovery from
Short-Circuit.
FIGURE 2-26:
VOUT Recovery from
Thermal Shutdown.
FIGURE 2-27:
Turn-On into Minimal
Overload.
FIGURE 2-28:
Turn-On into 50% Overload.
FIGURE 2-29:
1.5A Overload Response.
Time (20ms/div)
V
IN
(2V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 0A to
S.C., 75ms pulse
C
CSLEW = 0.1μF
C
OUT = 68μF
MIC2033-12AYM6
I
IN
(1A/div)
V
FAULT/
(5V/div)
Time (20ms/div)
V
IN
(2V/div)
V
FAULT/
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 0A to S.C.
to 0A, 120ms pulse
C
CSLEW = 0.1μF
C
OUT = 68μF
I
IN
(1A/div)
Time (10ms/div)
V
FAULT/
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 580mA (RLOAD = 8.6
)
C
CSLEW = 0.1μF
C
IN = 1μF
C
OUT = 1μF
MIC2033-05BYM6
I
IN
(200mA/div)
Time (10ms/div)
V
FAULT/
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD =750mA (RLOAD = 6.6
)
C
CSLEW = 0.1μF
C
IN = 1μF
C
OUT = 1μF
MIC2033-05BYM6
I
IN
(200mA/div)
Time (40ms/div)
V
FAULT/
(5V/div)
V
OUT
(2V/div)
V
IN = 5V
I
LOAD = 500mA to 1.5A overload
C
CSLEW = 0.1μF
C
IN = 1μF
C
OUT = 1μF
MIC2033-12AYM6
I
IN
(500mA/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com