Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 10Page - Microchip Technology MIC2033 Datasheet HTML 11Page - Microchip Technology MIC2033 Datasheet HTML 12Page - Microchip Technology MIC2033 Datasheet HTML 13Page - Microchip Technology MIC2033 Datasheet HTML 14Page - Microchip Technology MIC2033 Datasheet HTML 15Page - Microchip Technology MIC2033 Datasheet HTML 16Page - Microchip Technology MIC2033 Datasheet HTML 17Page - Microchip Technology MIC2033 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MIC2033
DS20005539C-page 14
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
4.7
Thermal Measurements
It is always wise to measure the IC’s case temperature
to make sure that it is within its operating limits.
Although this might seem like a very elementary task, it
is very easy to get erroneous results. The most
common mistake is to use the standard thermal couple
that comes with the thermal voltage meter. This thermal
couple wire gauge is large, typically 22 gauge, and
behaves like a heatsink, resulting in a lower case
measurement.
There are two suggested methods for measuring the IC
case temperature: a thermal couple or an infrared
thermometer. If a thermal couple is used, it must be
constructed of 36 gauge wire or higher to minimize the
wire heatsinking effect. In addition, the thermal couple
tip must be covered in either thermal grease or thermal
glue to make sure that the thermal couple junction is
making good contact to the case of the IC. This thermal
couple from Omega (5SC-TT-K-36-36) is adequate for
most applications.
To avoid this messy thermal couple grease or glue, an
infrared thermometer is recommended. Most infrared
thermometers’ spot size is too large for an accurate
reading on small form factor ICs. However, an IR
thermometer from Optris has a 1 mm spot size, which
makes it ideal for the 2 mm x 2 mm DFN package. Also,
get the optional stand. The stand makes it easy to hold
the beam on the IC for long periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com