Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2033 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current-Limit Power Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2033 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2033 Datasheet HTML 9Page - Microchip Technology MIC2033 Datasheet HTML 10Page - Microchip Technology MIC2033 Datasheet HTML 11Page - Microchip Technology MIC2033 Datasheet HTML 12Page - Microchip Technology MIC2033 Datasheet HTML 13Page - Microchip Technology MIC2033 Datasheet HTML 14Page - Microchip Technology MIC2033 Datasheet HTML 15Page - Microchip Technology MIC2033 Datasheet HTML 16Page - Microchip Technology MIC2033 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20005539C-page 13
MIC2033
4.0
FUNCTIONAL DESCRIPTION
The MIC2033 is a high-side MOSFET power
distribution switch providing increased system
reliability utilizing 5% current-limit accuracy. The
MIC2033 has an operating input voltage range from
2.5V to 5.5V and is internally current-limited and has
thermal shutdown that protects the device and system.
4.1
Soft-Start
Soft-start reduces the power supply input surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
During soft-start, an internal current sink discharges
the external capacitor at CSLEW to ground to control
the ramp of the output voltage. The output voltage rise
time is dependent upon the value of CCSLEW, the input
voltage, output voltage, and the current limit. The value
of the CSLEW external capacitor is recommended to
be 0.1 µF.
4.2
Input Capacitor
A 1 µF to 100 µF ceramic input capacitor is
recommended for most applications. The input
capacitor must be placed on the same side of the board
and next to the MIC2033 to minimize the voltage
ringing during transient and short circuit conditions. It is
also recommended to use two vias for each end of the
capacitor to connect to the power and ground plane.
X7R or X5R dielectric ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60% respectively over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic or a tantalum capacitor to ensure the
same capacitance value over the operating
temperature range.
4.3
Output Capacitor
The output capacitor type and placement criteria are
the same as the input capacitor.
The exact amount of capacitance depends upon the
specific application. For example, USB applications will
typically use 150 µF, whereas local consumers, such
as microcontrollers, may require as little as 1 µF.
Care must be taken when choosing the output
capacitance for inductive loads. Without sufficient
capacitance or clamping devices, sudden disconnects
or shorts on VOUT can result in stresses beyond the
device's absolute maximum ratings, even for short
cables, which will damage the device.
4.4
Enable
The MIC2033 offers either an active-high or active-low
enable input (EN) that allows ON/OFF control of the
switch output. The current through the device reduces
to near zero when the device is shutdown, with only
microamperes of leakage current. The EN input may be
directly tied to VIN or driven by a voltage that is equal to
or less than VIN, but do not leave this pin floating.
Care should be taken to ensure that the EN pin does
not exceed VIN by more than 500 mV at any time. This
includes at power-up and during load transients.
Whenever possible, it is recommended to tie EN to VIN
through a pull-up resistor and use an open-drain or
open-collector device to change the state.
4.5
Current Limit
The MIC2033 is available with four fixed current-limit
settings: 0.5A, 0.8A, 1A, and 1.2A. If the output current
exceeds the set current limit, then the MIC2033 switch
will enter constant current-limit mode. The maximum
allowable current limit may be less than the full
specified and/or expected current if the MIC2033 is not
mounted
on a circuit board with sufficiently low
thermal resistance. The MIC2033 responds within
10 µs to short-circuits to limit the output current and
also provides an output fault flag that will assert (low)
for an overcurrent condition that lasts longer than
32 ms.
4.6
Thermal Design
To help reduce the thermal resistance, the ePad
(underneath the IC) should be soldered to the PCB
ground and the placement of thermal vias either
underneath or near the ePad is highly recommended.
Thermal
design
requires
the
following
application-specific parameters:
• Maximum ambient temperature (TA)
• Output current (IOUT)
• Input voltage (VIN)
• Current Limit (ILIMIT)
When the MIC2033 is in constant current-limit mode, it
may exceed the overtemperature threshold. If this
occurs, the overtemperature condition will shut down
the MIC2033 switch and the fault status flag will go
active (assert low). After the switch cools down, it will
turn on again. The MIC2033 power dissipation can be
maximized by either lowering the thermal resistance on
the exposed pad (only the DFN package has an
exposed pad) on the printed circuit board, or by limiting
the maximum allowable ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com