Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM10 Datasheet HTML 1Page - STMicroelectronics STPM10 Datasheet HTML 2Page - STMicroelectronics STPM10 Datasheet HTML 3Page - STMicroelectronics STPM10 Datasheet HTML 4Page - STMicroelectronics STPM10 Datasheet HTML 5Page - STMicroelectronics STPM10 Datasheet HTML 6Page - STMicroelectronics STPM10 Datasheet HTML 7Page - STMicroelectronics STPM10 Datasheet HTML 8Page - STMicroelectronics STPM10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
February 2017
DocID17728 Rev 5
1/47
This is information on a product in full production.
www.st.com
STPM10
Programmable single-phase energy metering
IC with tamper detection
Datasheet - production data
Features
Measures active, reactive, and apparent
energies
Current, voltage RMS and instantaneous
measurement
Frequency measurement
Ripple-free active energy pulsed output
Live and neutral monitoring for tamper
detection
Fast and simple one-point digital calibration
over the whole current range
Integrated linear voltage regulators for digital
and analog supply
Selectable RC or crystal oscillator
Supports 50 - 60 Hz - IEC62052-11,
IEC62053- 2x specifications
Less than 0.1% error in the 1000:1 range
Precision voltage reference: 1.23 V with 30
ppm/°C max.
Description
The STPM10 is designed for effective
measurement of active, reactive and apparent
energy in a power line system using current
transformer and shunt sensors. The device can
be implemented for peripheral measurement in a
microcontroller-based single-phase or poly-phase
energy meter. The STPM10 consists of two main
sections: analog and digital. The analog part is
composed of preamplifier and first-order sigma-
delta A/D converter blocks, a band-gap voltage
reference and low-drop voltage regulator. The
digital part is composed of system control,
oscillator, hard-wired DSP and SPI interface.
There is also an internal volatile memory, which
is controlled through the SPI by means of a
dedicated command set. The configured bits are
used for configuration and calibration purposes.
From a pair of sigma-delta output signals
produced by the analog section, the DSP unit
computes the amount of active, reactive and
apparent energy consumed, as well as the RMS
and instantaneous voltage and current values.
The results of the computation are available as
pulse frequencies and states on the digital
outputs of the device, or as data bits in a data
stream, which can be read from the device by
means of the SPI interface. The system bus
interface is also used for temporary programming
of bits of internal volatile memory. The STPM10
generates an output signal with a pulse
frequency proportional to the energy, and this
signal is used in the calibration phase of the
energy metering application.
Table 1: Device summary
Oder code
Temperature range
Package
Packing
STPM10BTR
- 40 to 85 °C
TSSOP20 ( tape and reel)
2500 pieces per reel


Similar Part No. - STPM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
More results

Similar Description - STPM10

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007M SAMES-SA2007M Datasheet
168Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
SA9607M SAMES-SA9607M Datasheet
98Kb / 10P
Single Phase Power/Energy Metering IC with Tamper Detection
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
ATMEL Corporation
AVR465 ATMEL-AVR465 Datasheet
305Kb / 40P
Single-Phase Power/Energy Meter with Tamper Detection
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
AN2288 STMICROELECTRONICS-AN2288 Datasheet
247Kb / 29P
Single-phase energy meter with tamper detection based on ST7FLITE2x
23-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com