Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
19/47
Figure 14: First-
order ΣΔ A/D converter
7.4
Zero-crossing detection
The STPM10 has a zero-crossing detector circuit on the voltage channel which can be
used by application for synchronization of some utility equipment in the event of zero-
crossing of the line voltage. This circuit produces the internal signal ZCR which has a rising
edge every time the line voltage crosses zero, and a negative edge every time the voltage
reaches its positive or negative peak. The ZCR signal is then at twice the line voltage
frequency. The ZCR signal is available on the ZCR pin.
Figure 15: ZCR signal
7.5
Period and line voltage measurement
The period module measures the period of the base frequency of the voltage channel and
checks if the voltage signal frequency is within the fCLK/217 to fCLK/215 band. To do this, the
LIN signal is produced, which is low when the line voltage rises, and high when the line
voltage falls. This means that the LIN signal is the sign of dv/dt. With further elaboration,
the ZCR signal is also produced. On the trailing edge of LIN (line frequency) the period
counter starts counting up pulses of the fCLK/4 reference signal. The LIN signal is available
on the status bit register (see Table 10: "Status bit description" ). If the counted number of
pulses between two trailing edges of LIN is higher than 215, or if the counting is never



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com