Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
25/47
or any other configuration bit. The following SPI procedure can be run in order to set the
RC bit and provide the clock to the device:
Set the mode signal BANK
Perform a software reset
Read the registers: BANK mode signal should be checked and the records should
show something (not 000000F0)
Clear the mode signal BANK
Do not perform a reading, and write configuration bit RC
In this way the RC oscillator is started. If the registers are read again, it can be seen that
RC bit is set and BANK is cleared. Once the RC start-up procedure is complete, the device
is clocked and active. For details on mode signals refer to Section 7.18: "Mode signals", for
SPI operations refer to Section 7.19: "SPI interface".
7.12
Resetting the STPM10
The STPM10 has no reset pin. The device is automatically reset by the POR circuit when
the VCC crosses the 2.5 V value, but it can also be reset through the SPI interface by
providing a dedicated command (see Section 7.19: "SPI interface" for remote reset
command details). In case of reset caused by the POR circuit, all clocks and both of DC
buffers in the analog part are kept off for about 30 ms, as well as all blocks of the digital
part, except for the SPI interface, which is held in a reset state for about 125 ms after a
reset condition. When a reset is performed through SPI, no delayed turn-on is generated.
Resetting the STPM10 causes all the functional modules of the STPM10 to be cleared,
including the volatile memory. The reset through SPI (remote reset request) normally takes
place during production testing.
7.13
Using the STPM10 in microcontroller-based meters
The STPM10 can be used in microcontroller-based energy meters. The SPI pins (SCS,
SCL, SDA, SYN) are used for communication purposes, allowing the microcontroller to
write and read the internal STPM10 registers. The zero-crossing signal is available at the
ZCR pin (see Section 7.4: "Zero-crossing detection" for details about the ZCR signal). The
WDG pin provides the watchdog signal (DOG). The DOG signal generates a 16 ms long
positive pulse every 1.6 seconds. Generation of these pulses can be suspended if data are
read in intervals shorter than 1.6 s. The DOG signal is actually a watchdog reset signal
which can be used to control operation of an on-board microcontroller. It is set to high
whenever the VDDA voltage is below 2.5 V, but after VDDA goes above 2.5 V this signal
starts running. It is expected that an application microcontroller should access the data in
the metering device on a regular basis at least 1/s (recommended is 32/s). Every latching
of results in the metering device requested from the microcontroller also resets the
watchdog. If latching requests are not 1.6 seconds from one another, an active high pulse
on WDG is produced, because the device assumes that the microcontroller is not operating
properly. An application can use this signal either to control the reset pin of its
microcontroller, or it can be tied to an interrupt pin. The latter option is recommended for a
battery-backup application which can enter a sleep mode due to power-down conditions,
and should not be reset by a metering device as it would exit from sleep mode.
7.14
Energy-to-frequency conversion
The STPM10 provides energy-to-frequency conversion both for calibration and energy
readout purposes. In fact, one convenient way to verify the meter calibration is to provide a
pulse train signal with 50% duty cycle whose frequency signal is proportional to the active
energy under steady load conditions. In this case, the user chooses a certain number of
pulses on the LED pin that correspond to 1 kWh. This value is called P. Let us consider the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com