Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
31/47
7.18
Mode signals
The STPM10 includes 8 mode signals located in the DFP data record. 3 out of these are
used for internal testing purposes only while 5 are useful to change some operations of the
STPM10. The mode signals are not retained when the STPM10 supply is not available and
they are cleared when a POR occurs, but they are not cleared when a remote reset
command (RRR) is sent through SPI. The mode signals bit can be written using the normal
writing procedure of the SPI interface, in the following section.
Table 12: Mode signal description
Bit
Signal
name
Bit value
Status
Binary
command
Hex
command
0
Bank
0
Used for RC start-up procedure
0111000x
70 or 71
1
1111000x
F0 or F1
1
Reserved
2
Reserved
3
Reserved
4
CSEL
0
Current channel 1 selected when
tamper is disabled
0111 100x
78 or 79
1
Current channel 2 selected when
tamper is disabled
1111 100x
F8 or F9
5
Reserved
6
Reserved
7
Pre-charge
1
Swap the 32-bit data record
readings. From 1,2,3,4,5,6,7,8, to
5,6,7,8,1,2,3,4 and vice-versa
1111111x
FF
CSEL: in normal operation, if the anti-tamper module is not activated, the STPM10 selects
channel 1 as the source of current information. For debug or calibration purposes it is
possible to select channel 2 as the source of the current channel signal when the tamper
module is disabled. This is done by setting the CSEL mode bit.
Pre-charge: this command swaps the sequence of data records read, allowing the reading
of the last four data records first, and the first four second. The reading sequence is 5, 6, 7,
8, 1, 2, 3, 4. Unlike the other mode signals, the pre-charge command is not retained inside
the STPM10, but should be sent each time before the reading of the data records.
BANK: it is used to activate RC oscillator (as indicated in Section 7.11.1: "RC start-up
procedure").
7.19
SPI interface
The SPI interface supports a simple serial protocol, which is implemented to enable
communication of some master system (microcontroller or PC) and the device. Three tasks
can be performed with this interface:
Remote resetting of the device
Reading data records
Writing the mode bits and the configuration bits
Four pins of the device are dedicated to this purpose: SCS, SYN, SCL and SDA. SCS,
SYN and SCL are all input pins, while SDA can be input or output according to whether the
SPI is in write or read mode. A high level signal for these pins means a voltage level higher
than 0.75 x VCC, while a low level signal means a voltage value lower than 0.25 x VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com