Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 13Page - STMicroelectronics STPM10 Datasheet HTML 14Page - STMicroelectronics STPM10 Datasheet HTML 15Page - STMicroelectronics STPM10 Datasheet HTML 16Page - STMicroelectronics STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
17/47
7
Theory of operation
7.1
General operation description
The STPM10 is capable of performing measurements of active, reactive and apparent
energy, RMS and instantaneous voltage and current values, and line frequency
information. Most of the functions are fully programmable using internal configuration bits
accessible through the SPI interface. The STPM10 works as a peripheral in
microcontroller-based metering systems. The ZCR and WDG pins are used to provide
zero-crossing and watchdog information, and the SPI pins are used to communicate with
the microcontroller. The STPM10 includes volatile internal registers that hold the useful
information about the metering system. Two kinds of active energy are available: wide-
band active energy (AW) which includes all harmonic content (also called type 0) and
fundamental active energy (AF), limited to the 1st harmonic (also called type 1). This latter
energy value is obtained by filtering type 0 active energy. Both of the two active energies
are stored in up-down counting accumulator registers with a 20-bit length. Reactive and
apparent energies are also available with a 20-bit accumulation. The STPM10 also
provides the RMS values for voltage and current. Due to the modest dynamic variation of
the voltage, the RMS value is stored with a resolution of 11 bits, while the RMS current
value has a resolution of 16 bits. The instantaneous (momentary) sampled value of voltage
and current are also available with a resolution of 11 and 16 bits, respectively. The line
frequency value is stored with a resolution of 14 bits. Due to the proprietary energy
computation algorithm, the STPM10 calibration is quick and simple, allowing calibration at
only one point over the entire current range. The configuration and calibration parameters
must be downloaded in the internal non-volatile memory of the STPM10 at power-up.
7.2
Analog inputs
The STPM10 has one fully differential voltage input channel and two fully differential
current input channels. The voltage channel consists of a differential amplifier with a gain of
4. The maximum differential input voltage for the voltage channel is ± 0.3 V. The two
current channels are multiplexed (see Section 7.9: "Tamper detection module" for details)
to provide a single input to a preamplifier with a gain of 4. The output of this preamplifier is
connected to the input of a programmable gain amplifier (PGA) with possible gain
selections of 2 and 8. The total gain of the current channels are then 8 and 32. The gain
selections are made by writing to the gain register, and they can be different for the two
current channels. If the tamper function is not used, the secondary current can be disabled.
The maximum differential input voltage is dependent on the selected gain, in accordance
with the table below.
Table 6: Gain of voltage and current channels
Voltage channels
Current channels
Gain
Max. input voltage (V)
Gain
Max. input voltage (V)
4
±0.30
8X
±0.15
32X
±0.35
The gain register is included in the device configuration register with the address name
PST. The table below shows the gain configuration according to the register values:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com