Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 17Page - STMicroelectronics STPM10 Datasheet HTML 18Page - STMicroelectronics STPM10 Datasheet HTML 19Page - STMicroelectronics STPM10 Datasheet HTML 20Page - STMicroelectronics STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
STPM10
Theory of operation
DocID17728 Rev 5
21/47
It means that if FRS is set and BFR is also set, all the energy computation is carried on as
BFR was cleared. In this case then p=u*i, where u could be zero or not (if BFR was set
because voltage RMS register value is below 64). When the line frequency re-enters the
nominal band, the BFR flag is automatically reset. This BFR error flag is also assembled as
part of the 8-bit status register (see Table 10: "Status bit description").
7.6
Power supply
The main STPM10 supply pin is the VCC pin. From the VCC pin two linear regulators
provide the necessary voltage for the analog part VDDA (3 V) and for the digital part VDDD
(1.8 V). The VSS pin represents the reference point for all the internal signals. A 100 nF
low ESR capacitor should be connected between VCC and VSS, VDDA and VSS, VDDD
and VSS. All these capacitors must be located very close to the device. The STPM10
contains a power on reset (POR) detection circuit. If the VCC supply is less than 2.5 V,
then the STPM10 goes into an inactive state, all the functions are blocked and a reset
condition is asserted. This is useful to ensure correct device operation at power-up and
during power-down. The power supply monitor has built-in hysteresis and filtering, which
give a high degree of immunity from false triggering due to noisy supplies. A band-gap
voltage reference (VBG) of 1.23 V ±1% is used as the reference voltage level source for
the two linear regulators and for the A/D converters. Also, this module produces several
bias currents and voltages for all other analog modules. The band-gap voltage can be
compensated regardless of the temperature variations with the BGTC bits.
Figure 17: Band-gap temperature variation
7.7
Load monitoring
The STPM10 includes a no-load condition detection circuit with adjustable threshold. This
circuit monitors the voltage and the current channels and, when the measured voltage is
below the set threshold, the internal signal BIL becomes high. Information about this signal
is also available in the status bit BIL.
The no-load condition occurs when the product of the VRMS and IRMS register values is
below a given value. This value can be set with the LTCH configuration bits. Four different
no-load threshold values can be chosen according to the two configuration bits LTCH (see
table below). When a no-load condition occurs (BIL=1) the integration of power is
suspended and the tamper module is disabled. The BIL signal can be accessed only
through the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com