Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 6Page - STMicroelectronics STPM10 Datasheet HTML 7Page - STMicroelectronics STPM10 Datasheet HTML 8Page - STMicroelectronics STPM10 Datasheet HTML 9Page - STMicroelectronics STPM10 Datasheet HTML 10Page - STMicroelectronics STPM10 Datasheet HTML 11Page - STMicroelectronics STPM10 Datasheet HTML 12Page - STMicroelectronics STPM10 Datasheet HTML 13Page - STMicroelectronics STPM10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Electrical characteristics
STPM10
10/47
DocID17728 Rev 5
4
Electrical characteristics
VCC = 5 V, TA
= 25 °C, 100 nF to 1 μF between VDDA and VSS, 100 nF to 1 μF between VDDD
and VSS
, 100 nF to 1 μF between VCC and VSS unless otherwise specified.
Table 5: Absolute maximum ratings
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Energy measurement accuracy
fBW
Effective
bandwidth
Limited by digital
filtering (-3 dB)
4
800
Hz
eAW
Accuracy of
active power
Over 1 to 1000 of
dynamic range
0.1
%
eRW
Accuracy of
reactive power
Over 1 to 1000 of
dynamic range
0.1
%
eSW
Accuracy of
apparent power
Over 1 to 500 of
dynamic range
0.1
%
SNR
Signal-to-noise
ratio
Over the entire
bandwidth
52
db
PSRRDC
Power supply
DC rejection
Voltage signal:
200 mVrms/50 Hz
Current signal: 10
mVrms/50 Hz
fCLK= 4.194 MHz
VCC=3.3 V ±10%,
5 V±10%
0.2
%
PSRRAC
Power supply
AC rejection
Voltage signal:
200 mVrms/50 Hz
Current signal: 10
mVrms/50 Hz
fCLK= 4.194 MHz
VCC = 3.3 V+0.2
Vrms1@100 Hz
VCC = 5.0 V+0.2
Vrms1@100 Hz
0.1
%
General section
VCC
Operating
supply voltage
3.165
5.5
V
ICC
Supply current
Configuration
registers cleared
4 MHz, VCC = 5 V
3
4
mA
8 MHz, VCC = 5 V
5
6
POR
Power-on-reset
on VCC
2.5
V
VDDA
Analog supply
voltage
2.85
3.00
3.15
V
VDDD
Digital supply
voltage
1.725
1.80
1.875
V
fCLK
Oscillator clock
frequency
MDIV bit = 0
4.000
4.194
MHz
MDIV bit = 1
8.000
8.192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com