Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 112 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 108Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 109Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 110Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 111Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 112Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 113Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 114Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 115Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
112/154
DS11646 Rev 4
Table 59. DSPI CMOS master timing – output only – timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock
#
Symbol C
Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
ns
Medium
50 pF
200.0
—
ns
2tCSV CC D PCS valid after SCK(3)
SCK and PCS drive strength
Very strong
25 pF
7
—
ns
Strong
50 pF
8
—
ns
Medium
50 pF
16
—
ns
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
29
—
ns
3tCSH CC D PCS hold after SCK(3)
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
–14
—
ns
Strong
PCS = 0 pF
SCK = 50 pF
–14
—
ns
Medium
PCS = 0 pF
SCK = 50 pF
–33
—
ns
PCS medium
and SCK
strong
PCS = 0 pF
SCK = 50 pF
–35
—
ns
4tSDC CC D SCK duty cycle(4)
SCK drive strength
Very strong
0 pF
1/2tSCK –2 1/2tSCK +2
ns
Strong
0 pF
1/2tSCK –2 1/2tSCK +2
ns
Medium
0 pF
1/2tSCK –5 1/2tSCK +5
ns
SOUT data valid time (after SCK edge)
9tSUO CC D
SOUT data valid time from
SCK
CPHA = 1(5)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
8.0
ns
Medium
50 pF
—
16.0
ns
SOUT data hold time (after SCK edge)
10 tHO CC D
SOUT data hold time after
SCK
CPHA = 1(5)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
ns
Medium
50 pF
–15.0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com