Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 116 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 112Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 113Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 114Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 115Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 116Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 117Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 118Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 119Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
116/154
DS11646 Rev 4
Figure 38. MII receive signal timing diagram
3.18.3.2
MII transmit signal timing (TXD[3:0], TX_EN, TX_ER, TX_CLK)
The transmitter functions correctly up to a TX_CLK maximum frequency of 25 MHz +1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the TX_CLK frequency.
The transmit outputs (TXD[3:0], TX_EN, TX_ER) can be programmed to transition from
either the rising or falling edge of TX_CLK, and the timing is the same in either case. This
option allows the use of non-compliant MII PHYs.
Refer to the SPC58xEx 32-bit Power Architecture microcontroller reference manual’s
Ethernet chapter for details of this option and how to enable it.
Note:
In the following table, all timing specifications are referenced from TX_CLK = 1.4 V to the
valid output levels, 0.8 V and 2.0 V.
M1
M2
RX_CLK (input)
RXD[3:0] (inputs)
RX_DV
RX_ER
M3
M4
Table 62. MII transmit signal timing
Symbol
C
Characteristic
Value(1)
Unit
Min
Max
M5
CC D TX_CLK to TXD[3:0], TX_EN, TX_ER invalid
5
—
ns
M6
CC D TX_CLK to TXD[3:0], TX_EN, TX_ER valid
—
25
ns
M7
CC D TX_CLK pulse width high
35%
65%
TX_CLK period
M8
CC D TX_CLK pulse width low
35%
65%
TX_CLK period
1. Output parameters are valid for CL = 25 pF, where CL is the external load to the device. The internal package capacitance
is accounted for, and does not need to be subtracted from the 25 pF value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com