Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 48Page - STMicroelectronics ST25DV16K Datasheet HTML 49Page - STMicroelectronics ST25DV16K Datasheet HTML 50Page - STMicroelectronics ST25DV16K Datasheet HTML 51Page - STMicroelectronics ST25DV16K Datasheet HTML 52Page - STMicroelectronics ST25DV16K Datasheet HTML 53Page - STMicroelectronics ST25DV16K Datasheet HTML 54Page - STMicroelectronics ST25DV16K Datasheet HTML 55Page - STMicroelectronics ST25DV16K Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 200 page
background image
Table 53. LOCK_CCFILE access
RF
I2C
Command
Type
Address
Type
Lock Block (cmd code 22h) @00h/01h
Ext Lock Block (cmd code 32h) @00h/01h
Read Block (cmd code 20h) @00h/01h
Fast Read Block(1) (cmd code C0h) @00h/01h
Ext Read Block(1) (cmd code 30h) @00h/01h
Fast Ext Read Block(1) (cmd code C4h) @00h/01h
Read Multi Block(1) (cmd code 23h) @00h/01h
Ext Read Multi Block(1) (cmd code 33h) @00h/01h
Fast Read Multi Block(1) (cmd code C3h)
@00h/01h
Fast Ext Read Multi Block(1) (cmd code C5h)
@00h/01h
Get Multi Block SS (cmd code 2Ch) @00h/01h
Ext Get Multi Block SS (cmd code 3Ch) @00h/01h
R always
b0: W if Block 00h is not already locked,
b1: W if Block 01h is not already locked.
E2 = 1, 000Ch
R always, W if I2C
security session is open
1. With option flag set to 1.
Table 54. LOCK_CCFILE
Bit
Name
Function
Factory Value
b0
LCKBCK0
0: Block @ 00h is not Write locked
1: Block @ 00h is Write locked
0b
b1
LCKBCK1
0: Block @ 01h is not Write locked
1: Block @ 01h is Write locked
0b
b7-b2
RFU
-
000000b
Note:
Refer to Table 11. System configuration memory map for the LOCK_CCFILE register.
Table 55. LOCK_CFG access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @0Fh
Write Configuration (cmd code A1h) @0Fh
R always, W if RF configuration security
session is open and configuration not
locked
E2 = 1, 000Fh
R always, W if I2C security
session is open
Table 56. LOCK_CFG
Bit
Name
Function
Factory Value
b0
LCK_CFG
0: Configuration is unlocked
1: Configuration is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 11. System configuration memory map for the LOCK_CFG register.
ST25DV04K ST25DV16K ST25DV64K
Data Protection
DS10925 - Rev 9
page 52/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com