Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 20Page - STMicroelectronics ST25DV16K Datasheet HTML 21Page - STMicroelectronics ST25DV16K Datasheet HTML 22Page - STMicroelectronics ST25DV16K Datasheet HTML 23Page - STMicroelectronics ST25DV16K Datasheet HTML 24Page - STMicroelectronics ST25DV16K Datasheet HTML 25Page - STMicroelectronics ST25DV16K Datasheet HTML 26Page - STMicroelectronics ST25DV16K Datasheet HTML 27Page - STMicroelectronics ST25DV16K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 200 page
background image
Table 21. MB_LEN_Dyn
Bit
Name
Function
Factory Value
b7-b0
MB_LEN
Size in byte, minus 1 byte, of message contained in FTM
mailbox (automatically set by ST25DVxxx)
0h
Note:
Refer to Table 12. Dynamic registers memory map for the MB_LEN_Dyn register.
5.1.2
Fast transfer mode usage
ST25DV acts as mailbox between RF (reader, smartphone, ...) and an I2C host (microcontroller...). Each interface
can send a message containing up to 256 bytes of data to the other interface through that mailbox.
To send data from RF reader to I2C host, fast transfer mode must be enabled, the mailbox must be free, VCC
power must be present, and the RF user must first writes the message containing data in the mailbox.
I2C host is then informed (by interruption on GPO output or polling on MB_CTRL_Dyn register) that a message
from RF is present in the mailbox.
Once the complete message has been read by I2C, mailbox is considered free again and is available for receiving
a new message (data is not cleared).
The RF user is informed that the message has been read by the I2C host by polling on MB_CTRL_Dyn register.
Figure 9. RF to I2C fast transfer mode operation
I2C host
ST25DV
Fast Transfer Mode mailbox
(256 Bytes)
Dynamic registers
MB_LEN_Dyn
MB_CRTL_Dyn
Static registers
MB_MODE
MB_WDG
ISO/IEC
15693 reader
I2C
GPO/RF_PUT_MSG
RF message
1Mb/s
26.5kb/s
To send data from the I2C host to the RF reader, fast transfer mode must be enabled, the mailbox must be free,
VCC power must be present, and the I2C host must first write the message containing data in the mailbox.
The RF user must poll on MB_CTRL_Dyn register to check for the presence of a message from I2C in the
mailbox.
Once the complete message has been read by RF user, mailbox is considered free again and is available for
receiving a new message (data is not cleared).
The I2C host is informed that message has been read by RF user through a GPO interruption or by polling on the
MB_CTRL_Dyn register.
ST25DV04K ST25DV16K ST25DV64K
Fast transfer mode (FTM)
DS10925 - Rev 9
page 24/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com