Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 76Page - STMicroelectronics ST25DV16K Datasheet HTML 77Page - STMicroelectronics ST25DV16K Datasheet HTML 78Page - STMicroelectronics ST25DV16K Datasheet HTML 79Page - STMicroelectronics ST25DV16K Datasheet HTML 80Page - STMicroelectronics ST25DV16K Datasheet HTML 81Page - STMicroelectronics ST25DV16K Datasheet HTML 82Page - STMicroelectronics ST25DV16K Datasheet HTML 83Page - STMicroelectronics ST25DV16K Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 200 page
background image
7.4.8
Response and error code
If the Error_flag is set by the ST25DVxxx in the response, the Error code field is present and provides information
about the error that occurred.
Error codes not specified in Table 99 are reserved for future use.
Table 99. Response error code definition
Error code
Meaning
01h
Command is not supported.
02h
Command is not recognized (format error).
03h
The option is not supported.
0Fh
Error with no information given.
10h
The specified block is not available.
11h
The specified block is already locked and thus cannot be locked again.
12h
The specified block is locked and its contents cannot be changed.
13h
The specified block was not successfully programmed.
14h
The specified block was not successfully locked.
15h
The specified block is protected in read.
7.5
Timing definition
t1: ST25DVxxx response delay
Upon detection of the rising edge of the EOF received from the VCD, the ST25DVxxx waits for a t1nom time before
transmitting its response to a VCD request or switching to the next slot during an inventory process. Values of t1
are given in Table 100. Timing values.
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or more ST25DVxxx
responses have been received during an Inventory command. It starts from the reception of the EOF from the
ST25DVxxxs.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25DVxxx.
t2 is also the time after which the VCD may send a new request to the ST25DVxxx, as described in
Figure 32. ST25DVxxx protocol timing.
Values of t2 are given in Table 100. Timing values.
t3: VCD new request delay when no response is received from the ST25DVxxx
t3 is the time after which the VCD may send an EOF to switch to the next slot when no ST25DVxxx response has
been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25DVxxx.
From the time the VCD has generated the rising edge of an EOF:
•
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min for 100% modulation before
sending a new EOF.
•
If this EOF is 10% modulated, the VCD waits for a time at least equal to t3min for 10% modulation before
sending a new EOF.
ST25DV04K ST25DV16K ST25DV64K
Timing definition
DS10925 - Rev 9
page 80/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com