Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 14Page - STMicroelectronics ST25DV16K Datasheet HTML 15Page - STMicroelectronics ST25DV16K Datasheet HTML 16Page - STMicroelectronics ST25DV16K Datasheet HTML 17Page - STMicroelectronics ST25DV16K Datasheet HTML 18Page - STMicroelectronics ST25DV16K Datasheet HTML 19Page - STMicroelectronics ST25DV16K Datasheet HTML 20Page - STMicroelectronics ST25DV16K Datasheet HTML 21Page - STMicroelectronics ST25DV16K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 200 page
background image
RF access
Static Register
I2C access
Address
Type
Name
Function
Device select
Address
Type
NA
RO
UID
Unique identifier, 8 bytes
E2=1
0018h to 001Fh
RO
No access
IC_REV
IC revision
E2=1
0020h
RO
-
ST Reserved
E2=1
0021h
RO
-
ST Reserved
E2=1
0022h
RO
-
ST Reserved
E2=1
0023h
RO
I2C_PWD
I2C security session password, 8 bytes
E2=1
0900h to 0907h R/W (7) (8)
N/A
WO (9)
RF_PWD_0
RF configuration security session password, 8 bytes
No access
N/A
WO(9)
RF_PWD_1
RF user security session password 1, 8 bytes
N/A
WO(9)
RF_PWD_2
RF user security session password 2, 8 bytes
N/A
WO(9)
RF_PWD_3
RF user security session password 3, 8 bytes
1. Write access is granted if RF configuration security session is open and configuration is not locked
(LOCK_CFG register equals to 0).
2. Write access if I2C security session is open.
3. Write access to bit 0 if Block 00h is not already locked and to bit 1 if Block 01h is not already locked.
4. LOCK_CCFILE content is only readable through reading the Block Security Status of blocks 00h and 001h
(see Section 5.6.3 User memory protection)
5. Write access if DSFID is not locked
6. Write access if AFI is not locked.
7. Write access with I2C Write Password command, only after presenting a correct I2C password.
8. Read access is granted if I2C security session is open.
9. Write access only if corresponding RF security session is open.
ST25DV04K ST25DV16K ST25DV64K
System configuration area
DS10925 - Rev 9
page 18/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com