Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 63Page - STMicroelectronics ST25DV16K Datasheet HTML 64Page - STMicroelectronics ST25DV16K Datasheet HTML 65Page - STMicroelectronics ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics ST25DV16K Datasheet HTML 68Page - STMicroelectronics ST25DV16K Datasheet HTML 69Page - STMicroelectronics ST25DV16K Datasheet HTML 70Page - STMicroelectronics ST25DV16K Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 200 page
background image
When the bus master generates a Stop condition immediately after the Ack bit (in the tenth-bit time slot), either at
the end of a byte write or a sequential write, the internal write cycle is triggered. A Stop condition at any other time
slot does not trigger the internal write cycle.
After the Stop condition, the delay tW, and the successful completion of a Write operation, the device’s internal
address counter is incremented automatically, to point to the next byte address after the last one that was
modified.
After an unsuccessful write operation, ST25DVxxx enters in I2C dead state: internal address counter is not
incremented, and ST25DVxxx is waiting for a full new I2C instruction (address counter stops to be incremented
after the first NoAck bit).
During the internal write cycle, the serial data (SDA) signal is disabled and the device does not respond to any
requests.
Caution:
I2C Writing data in user or system memory (EEPROM), transit via the 256-Bytes fast transfer mode's buffer.
Consequently fast transfer mode must be deactivated before starting any write operation in user or system
memory, otherwise command will be NotACK, programming is not done and device goes in standby mode.
6.4.1
I2C Byte write
After the device select code and the address bytes, the bus master sends one data byte.
If byte write is not inhibited, the device replies with Ack.
If byte write is inhibited, the device replies with NoAck.
The bus master terminates the transfer by generating a Stop condition (see Figure 26. Write mode sequences
when write is not inhibited).
For byte write in EEPROM (user memory or system configuration), internal programming starts after the Ack, for
a duration of tW (as defined in Table 248. I2C AC characteristics up to 85°C and Table 249. I2C AC characteristics
up to 125°C).
For writes in fast transfer mode buffer or Dynamic registers, internal programming is done at the Ack.
If byte write is inhibited, the device replies with NoAck. The bus master terminates the transfer by generating a
Stop condition and byte location not is modified (see Figure 27. Write mode sequences when write is inhibited).
Byte write is inhibited if byte complies with one of the following conditions:
•
Byte is in user memory and is write protected with LOCK_CCFILE register.
•
Byte is in user memory and is write protected with I2CSS register, and I2C security session is closed.
•
Byte is in user memory and fast transfer mode is activated.
•
Byte is in system memory and is a Read Only register.
•
Byte is in system memory and I2C security session is closed.
•
Byte is in fast transfer mode’s mailbox and is not the first Byte of mailbox.
•
Byte is in fast transfer mode’s mailbox and mailbox is busy.
•
Byte is in fast transfer mode’s mailbox and fast transfer mode is not activated.
•
Byte is in dynamic registers area and is a Read Only register.
6.4.2
I2C Sequential write
The I2C sequential write allows up to 256 bytes to be written in one command, provided they are all located in the
same user memory area or are all located in writable addresses.
After each byte is transferred, the internal byte address counter is incremented.
For each byte sent by the bus master:
•
If byte write is not inhibited, the device replies with Ack.
•
If byte write is inhibited, the device replies with NoAck.
The transfer is terminated by the bus master generating a Stop condition:
•
For writes in EEPROM (user memory or system configuration), if all bytes have been Ack'ed, internal
programming of all bytes starts after the last Ack, for a duration dependent on the number of bytes to write
(see below).
•
For writes in fast transfer mode buffer or Dynamic registers, if all bytes have been Ack'ed, internal
programming is done at the Ack.
•
If some bytes have been NotAck’ed, no internal programming is done (0 byte written).
ST25DV04K ST25DV16K ST25DV64K
I2C Write operations
DS10925 - Rev 9
page 67/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com