Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 4 Page - STMicroelectronics

  ST25DV16K Datasheet HTML 1Page - STMicroelectronics ST25DV16K Datasheet HTML 2Page - STMicroelectronics ST25DV16K Datasheet HTML 3Page - STMicroelectronics ST25DV16K Datasheet HTML 4Page - STMicroelectronics ST25DV16K Datasheet HTML 5Page - STMicroelectronics ST25DV16K Datasheet HTML 6Page - STMicroelectronics ST25DV16K Datasheet HTML 7Page - STMicroelectronics ST25DV16K Datasheet HTML 8Page - STMicroelectronics ST25DV16K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 200 page
background image
1.2
ST25DVxxx packaging
ST25DVxxx is provided in different packages:
•
8 pins (S08N or TSSPOP8 or UFDFPN8) for the open drain version of Interrupt output
•
10 balls (WLCSP) and 12 pins (UFDFPN12) for a CMOS interrupt output. This package includes an
additional element that minimizes standby consumption.
Table 1. Signal names
Signal name
Function
Direction
V_EH
Energy Harvesting
Power output
GPO
Interrupt Output
Output
SDA
Serial Data
I/O
SCL
Serial Clock
Input
AC0, AC1
Antenna coils
-
VCC
Supply voltage
Power
VSS
Ground
-
LPD (1)
Low power down mode
Input
VDCG (1)
Supply voltage for GPO driver
Power
NC
Not connected
Must be left floating
EP (2)
Exposed Pad
Must be left floating
1. Available only on 10-ball and 12-pin packages.
2. Available only on UFDPN8 and UFDFPN12 packages.
Figure 2. ST25DVxxx 8-pin packages connections with open drain Interruption Output
AC0
1
2
3
4
8
7
6
5
V_EH
AC1
VSS
VCC
GPO (OD)
SCL
SDA
EP1
1.
Exposed Pad is only present on UFDFPN8 package.
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx packaging
DS10925 - Rev 9
page 4/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com