Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 59Page - STMicroelectronics ST25DV16K Datasheet HTML 60Page - STMicroelectronics ST25DV16K Datasheet HTML 61Page - STMicroelectronics ST25DV16K Datasheet HTML 62Page - STMicroelectronics ST25DV16K Datasheet HTML 63Page - STMicroelectronics ST25DV16K Datasheet HTML 64Page - STMicroelectronics ST25DV16K Datasheet HTML 65Page - STMicroelectronics ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 200 page
background image
Table 84. UID access
RF
I2C
Command
Type
Address
Type
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
RO
E2=1, 0018h to
001Fh
RO
Table 85. UID
I2C
Address
Bit
Name
Function
Factory Value
0018h
b7-b0
UID
ISO/IEC 15693 UID byte 0 (LSB)
IC manufacturer serial number
0019h
ISO/IEC 15693 UID byte 1
001Ah
ISO/IEC 15693 UID byte 2
001Bh
ISO/IEC 15693 UID byte 3
001Ch
ISO/IEC 15693 UID byte 4
001Dh
ISO/IEC 15693 UID byte 5: ST Product code
ST25DV04K-IE: 24h
ST25DV16K-IE: 26h
ST25DV64K-IE: 26h
ST25DV04K-JF: 25h
ST25DV16K-JF: 27h
ST25DV64K-JF: 27h
001Eh
ISO/IEC 15693 UID byte 6: IC Mfg code
02h
001Fh
ISO/IEC 15693 UID byte 7 (MSB)
E0h
Note:
Refer to Table 11. System configuration memory map for the UID register.
Table 86. IC_REV access
RF
I2C
Command
Type
Address
Type
No access
E2 = 1, 0020h
RO
Table 87. IC_REV
Bit
Name
Function
Factory Value
b7-b0
IC_REV
IC revision
Depending on revision
Note:
Refer to Table 11. System configuration memory map for the IC_REV register.
ST25DV04K ST25DV16K ST25DV64K
Device Parameter Registers
DS10925 - Rev 9
page 63/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com