Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 103Page - STMicroelectronics ST25DV16K Datasheet HTML 104Page - STMicroelectronics ST25DV16K Datasheet HTML 105Page - STMicroelectronics ST25DV16K Datasheet HTML 106Page - STMicroelectronics ST25DV16K Datasheet HTML 107Page - STMicroelectronics ST25DV16K Datasheet HTML 108Page - STMicroelectronics ST25DV16K Datasheet HTML 109Page - STMicroelectronics ST25DV16K Datasheet HTML 110Page - STMicroelectronics ST25DV16K Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 200 page
background image
Figure 51. Get System Info frame exchange between VCD and ST25DVxxx
SOF
Get System info
request
VCD
ST25DVxxx
EOF
SOF
Get System info
response
EOF
t1
7.6.23
Extended Get System Info
When receiving the Extended Get System Info command, the ST25DVxxx sends back its information data in the
response.
The Option_flag is not supported. The Inventory_flag must be set to 0. The Extended Get System Info can be
issued in both Addressed and Non Addressed modes.
Table 161. Extended Get System Info request format
Request SOF Request_flags
Extended Get System Info
Parameter request field
UID (1) CRC16 Request EOF
-
8 bits
0xx1xxxxb
8 bits
64 bits 16 bits
-
1. This field is optional.
•
Request flags
•
Request parameters
•
UID (optional)
Table 162. Parameter request list
Bit
Flag name
Value
Description
b1
DSFID
0
No request of DSFID
1
Request of DSFID
b2
AFI
0
No request of AFI
1
Request of AFI
b3
VICC memory size
0
No request of data field on VICC memory size
1
Request of data field on VICC memory size
b4
IC reference
0
No request of Information on IC reference
1
Request of Information on IC reference
b5
MOI
1
Information on MOI always returned in response flag
b6
VICC Command list
0
No request of Data field of all supported commands
1
Request of Data field of all supported commands
b7
CSI Information
0
No request of CSI list
1
Request of CSI list
b8
Extended Get System
Info parameter Field
0
One byte length of Extended Get System
Info parameter field
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 107/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com