Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 114Page - STMicroelectronics ST25DV16K Datasheet HTML 115Page - STMicroelectronics ST25DV16K Datasheet HTML 116Page - STMicroelectronics ST25DV16K Datasheet HTML 117Page - STMicroelectronics ST25DV16K Datasheet HTML 118Page - STMicroelectronics ST25DV16K Datasheet HTML 119Page - STMicroelectronics ST25DV16K Datasheet HTML 120Page - STMicroelectronics ST25DV16K Datasheet HTML 121Page - STMicroelectronics ST25DV16K Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 200 page
background image
Figure 58. Write Dynamic Configuration frame exchange between VCD and ST25DVxxx
SOF
Write Dynamic
Configuration
request
VCD
ST25DVxxx
EOF
SOF
Write Dynamic
Configuration
response
EOF
t1
SOF
Write Dynamic
Configuration
response
EOF
t1
ST25DVxxx
Write Dynamic
Configuration sequence
when no error
Write Dynamic
Configuration sequence
when error
7.6.30
Manage GPO
On receiving the Manage GPO command. Depending on the command argument, the ST25DV force the GPO
output level if RF_USER interrupt is enabled, or send a pulse on GPO output if RF_INTERRUPT is enabled. If
neither RF_USER nor RF_INTERRUPT was enabled, the command is not executed and ST25DVxxx responds
an Error code “0F”.
The IT duration is defined by IT_TIME register and occurs just after the command response.
For the ST25DVxx-JF (CMOS output), a set means that the GPO pin is driven to a High level (VDCG) and a Reset
pulls the GPO pin to a low level (VSS).
The IT corresponds to a transmission of a positive pulse on the GPO pin.
For the ST25DVxx-IE (open drain output), a Set means that the GPO pin is driven to a low level (VSS) and a
Reset releases the GPO (High impedance).
IT corresponds to the GPO pin driven to ground during the IT duration, then pin is released. Thanks to an external
pull up, the high level will be recovered.
Option_flag is not supported. The Inventory_flag must be set to 0.
Table 193. ManageGPO request format
Request SOF
Request_ flags
ManageGPO
IC Mfg code
UID (1)
GPO VAL(2)
CRC16
Request EOF
-
8 bits
A9h
02h
64 bits
8 bits
16 bits
-
1. This field is optional.
2. See Table 194
Table 194. GPOVAL
GPOVAL
IT
ST25DVxx-IE (OD)
ST25DVxx-JF (CMOS)
0xxxxxx0b RF_USER enabled
Pin pull to 0
GPO Pin set to logic One (VDCG)
0xxxxxx1b RF_USER enabled
Pin released (HZ)
GPO Pin reset to logic zero
1xxxxxxxb RF_INTERRUPT enabled
GPO pin pulled to 0 during IT Time then released (HZ)
GPO Pin drives a positive pulse
Any other conditions
GPO released (Hz)
GPO pin reset to logic zero
Request parameters:
•
Request flag
•
UID (optional)
•
Data: Define static or dynamic Interrupt
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 118/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com