Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 125Page - STMicroelectronics ST25DV16K Datasheet HTML 126Page - STMicroelectronics ST25DV16K Datasheet HTML 127Page - STMicroelectronics ST25DV16K Datasheet HTML 128Page - STMicroelectronics ST25DV16K Datasheet HTML 129Page - STMicroelectronics ST25DV16K Datasheet HTML 130Page - STMicroelectronics ST25DV16K Datasheet HTML 131Page - STMicroelectronics ST25DV16K Datasheet HTML 132Page - STMicroelectronics ST25DV16K Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 200 page
background image
Figure 67. Fast Extended Read Single Block frame exchange between VCD and ST25DVxxx
SOF
Fast Extended
Read Single Block
request
VCD
ST25DVxxx
EOF
SOF
Fast Extended
Read Single Block
response
EOF
t1
7.6.39
Fast Read Multiple Blocks
On receiving the Fast Read Multiple Blocks command, the ST25DVxxx reads the selected blocks and sends back
their value in multiples of 32 bits in the response. The blocks are numbered from 00h up to the last block of user
memory in the request, and the value is minus one (–1) in the field. For example, if the “Number of blocks” field
contains the value 06h, seven blocks are read. The maximum number of blocks is fixed to 256 assuming that they
are all located in the same area. If the number of blocks overlaps area or overlaps the end of user memory, the
ST25DVxxx returns an error code.
When the Option_flag is set, the response includes the Block Security Status. The data rate of the response is
multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
Table 221. Fast Read Multiple Block request format
Request
SOF
Request_flags
Fast Read
Multiple Block
IC Mfg
code
UID (1)
First block
number
Number of
blocks
CRC16
Request
EOF
-
8 bits
C3h
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flag
•
UID (Optional)
•
First block number
•
Number of blocks
Table 222. Fast Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
1. This field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 223. Block security status if Option_flag is set)
•
N block of data
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 129/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com