Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 179Page - STMicroelectronics ST25DV16K Datasheet HTML 180Page - STMicroelectronics ST25DV16K Datasheet HTML 181Page - STMicroelectronics ST25DV16K Datasheet HTML 182Page - STMicroelectronics ST25DV16K Datasheet HTML 183Page - STMicroelectronics ST25DV16K Datasheet HTML 184Page - STMicroelectronics ST25DV16K Datasheet HTML 185Page - STMicroelectronics ST25DV16K Datasheet HTML 186Page - STMicroelectronics ST25DV16K Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 200 page
background image
Revision history
Table 298. Document revision history
Date
Revision
Changes
23-Feb-2017
1
Initial release.
20-Sep-2017
2
Updated:
•
Features
•
Section 4 Memory management
•
Section 5 ST25DVxxx specific features
•
Section 5.6.4 System memory protection
•
Section 6.4.2 I2C Sequential write
•
Section 6 I2C operation
•
Section 7 RF operations
•
Section 9.1 Maximum rating
•
Table 158. Get System Info response format Error_flag is NOT set
•
Table 242. Absolute maximum ratings
•
Table 244. AC test measurement conditions
•
Table 246. I2C DC characteristics up to 85°C
•
Table 248. I2C AC characteristics up to 85°C
•
Table 250. GPO DC characteristics up to 85°C
•
Table 253. RF characteristics
•
Table 254. Operating conditions
•
Table 256. TSSOP8 – Mechanical data
•
Table 261. Ordering information scheme
•
Figure 30. I2C Present Password Sequence
•
Figure 31. I2C Write Password Sequence
•
Figure 80. TSSOP8 – Outline
Added:
•
Table 159. Memory size
•
Table 243. I2C operating conditions
•
Table 247. I2C DC characteristics up to 125°C
•
Table 249. I2C AC characteristics up to 125°C
•
Table 251. GPO DC characteristics up to 125°C
04-Oct-2017
3
Updated:
•
Features
•
Section 10 Package information
Added:
•
NFC certified logo
19-Dec-2017
4
Added:
•
Figure 4. ST25DVxxx 10-ball WLCSP package connections with Cmos interrupt output
(GPO)
•
Section 10.5 WLCSP10 package information
•
Table 259. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
mechanical data
•
Figure 84. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
package outline
•
Figure 85. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
recommended footprint
Updated:
•
Features
•
Section 1 Description
ST25DV04K ST25DV16K ST25DV64K
DS10925 - Rev 9
page 183/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com