Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 64Page - STMicroelectronics STM32WB50CG Datasheet HTML 65Page - STMicroelectronics STM32WB50CG Datasheet HTML 66Page - STMicroelectronics STM32WB50CG Datasheet HTML 67Page - STMicroelectronics STM32WB50CG Datasheet HTML 68Page - STMicroelectronics STM32WB50CG Datasheet HTML 69Page - STMicroelectronics STM32WB50CG Datasheet HTML 70Page - STMicroelectronics STM32WB50CG Datasheet HTML 71Page - STMicroelectronics STM32WB50CG Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
Electrical characteristics
STM32WB50CG STM32WB30CE
68/119
DS13047 Rev 5
Table 34. Typical current consumption in Run and Low-power run modes,
with different codes running from SRAM1, VDD = 3.3 V
Symbol
Parameter
Conditions
TYP
Unit
TYP
Unit
-
Frequency
Code
25 °C
25 °C
IDD(Run)
Supply current in
Run mode
Reduced code(1)
8.80
mA
138
µA/MHz
Coremark
7.50
117
Dhrystone 2.1
8.60
134
Fibonacci
7.90
123
While(1)
8.00
125
IDD(LPRun)
Supply current in
Low-power run
fHCLK = fMSI = 2 MHz
All peripherals disable
Reduced code(1)
255
µA
128
Coremark
205
103
Dhrystone 2.1
250
125
Fibonacci
230
115
While(1)
220
110
1. Reduced code used for characterization results provided in Table 31 and Table 32.
Table 35. Current consumption in Sleep and Low-power sleep modes, Flash memory ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-fHCLK
25 °C
55 °C
85 °C
25 °C
85 °C
IDD(Sleep)
Supply
current in
sleep mode,
fHCLK = fHSI16 up to
16 MHz included,
fHCLK = fHSE up to
32 MHz
fHSI16 + PLL ON
above 32 MHz
All peripherals
disabled
64 MHz
2.65
2.70
2.80
3.00
3.33
mA
32 MHz
1.40
1.45
1.60
1.55
1.86
16 MHz
0.845
0.875
0.990
0.970
1.40
IDD(LPSleep)
Supply
current in low-
power sleep
mode
fHCLK = fMSI
All peripherals
disabled
2 MHz
0.090
0.125
0.235
0.130
0.600
1 MHz
0.058
0.093
0.205
0.090
0.570
400 kHz
0.044
0.0725
0.185
0.070
0.540
100 kHz
0.0315 0.0635 0.0175 0.055
0.530
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com