Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 96Page - STMicroelectronics STM32WB50CG Datasheet HTML 97Page - STMicroelectronics STM32WB50CG Datasheet HTML 98Page - STMicroelectronics STM32WB50CG Datasheet HTML 99Page - STMicroelectronics STM32WB50CG Datasheet HTML 100Page - STMicroelectronics STM32WB50CG Datasheet HTML 101Page - STMicroelectronics STM32WB50CG Datasheet HTML 102Page - STMicroelectronics STM32WB50CG Datasheet HTML 103Page - STMicroelectronics STM32WB50CG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 119 page
background image
Electrical characteristics
STM32WB50CG STM32WB30CE
100/119
DS13047 Rev 5
Table 72. ADC accuracy - Limited test conditions 1(1)(2)(3)
1. Guaranteed by design.
2. ADC DC accuracy values are measured after internal calibration.
3. ADC accuracy vs. negative injection current: Injecting negative current on any analog input pins must be
avoided as this significantly reduces the accuracy of the conversion being performed on another analog
input. It is recommended to add a Schottky diode (pin to ground) to analog pins that may potentially inject
negative current.
Symbol
Parameter
Conditions(4)
4. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in the
SYSCFG_CFGR1 when VDDA < 2.4 V). It is disabled when VDDA ≥ 2.4 V. No oversampling.
Min
Typ
Max
Unit
ET
Total
unadjusted
error
Single ended
-
4
5
LSB
Differential
-
3.5
4.5
EO
Offset error
Single ended
-
1
2.5
Differential
-
1.5
2.5
EG
Gain error
Single ended
-
2.5
4.5
Differential
-
2.5
3.5
ED
Differential
linearity error
Single ended
-
1
1.5
Differential
-
1
1.2
EL
Integral
linearity error
Single ended
-
1.5
2.5
Differential
-
1
2
ENOB
Effective
number of bits
Single ended
10.4
10.5
-
bits
Differential
10.8
10.9
-
SINAD
Signal-to-noise
and distortion
ratio
Single ended
64.4
65
-
dB
Differential
66.8
67.4
-
SNR
Signal-to-noise
ratio
Single ended
65
66
-
Differential
67
68
-
THD
Total harmonic
distortion
Single ended
-
-74
-73
dB
Differential
-
-79
-76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com