Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 66Page - STMicroelectronics STM32WB50CG Datasheet HTML 67Page - STMicroelectronics STM32WB50CG Datasheet HTML 68Page - STMicroelectronics STM32WB50CG Datasheet HTML 69Page - STMicroelectronics STM32WB50CG Datasheet HTML 70Page - STMicroelectronics STM32WB50CG Datasheet HTML 71Page - STMicroelectronics STM32WB50CG Datasheet HTML 72Page - STMicroelectronics STM32WB50CG Datasheet HTML 73Page - STMicroelectronics STM32WB50CG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 119 page
background image
Electrical characteristics
STM32WB50CG STM32WB30CE
70/119
DS13047 Rev 5
Table 38. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Stop 1)
Supply
current in
Stop 1 mode,
RTC
disabled
BLE disabled
2.4 V 5.10 9.25
15.5
28.5
96.5
-
-
-
µA
3.0 V 5.15 9.30
15.5
28.5
97.0 7.07 28.5
346.8
3.6 V 5.25 9.45
16.0
29.0
97.5 7.30 28.8
351.0
IDD
(Stop 1
with
RTC)
Supply
current in
Stop 1 mode,
RTC
enabled, BLE
disabled
RTC clocked by
LSI
2.4 V 5.40 9.45
16.0
28.5
97.0
-
-
-
3.0 V 5.70 9.55
16.5
29.0
98.5 7.69 29.7
347.2
3.6 V 5.85 10.0
16.5
29.5
96.5 8.08 29.8
349.9
RTC clocked by
LSE quartz(2) in
Low drive mode
2.4 V 5.40 9.70
16.0
29.0
96.5
-
-
-
3.0 V 5.75 9.70
16.0
29.0
97.5 7.40 28.9
346.6
3.6 V 5.90 10.0
16.5
29.5
99.0 7.58 29.2
349.0
IDD
(wakeup
from
Stop1)
Supply
current
during
wakeup from
Stop 1
bypass mode
Wakeup clock
MSI = 32 MHz.
See (3).
3.0 V
-
124
-
-
-
-
-
-
1. Guaranteed based on test during characterization, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
3. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 45.
Table 39. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled,
BLE disabled
-
2.4 V 97.5
105
110
125
195
-
-
-
µA
3.0 V 98.5
105
110
125
195
117.3 134.3 461.8
3.6 V 100
105
115
125
200 165.0 135.7 494.0
Supply current
during wakeup
from Stop 0
Bypass mode
Wakeup clock
MSI = 32 MHz.
See (2).
3.0 V
-
349
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com