Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 67Page - STMicroelectronics STM32WB50CG Datasheet HTML 68Page - STMicroelectronics STM32WB50CG Datasheet HTML 69Page - STMicroelectronics STM32WB50CG Datasheet HTML 70Page - STMicroelectronics STM32WB50CG Datasheet HTML 71Page - STMicroelectronics STM32WB50CG Datasheet HTML 72Page - STMicroelectronics STM32WB50CG Datasheet HTML 73Page - STMicroelectronics STM32WB50CG Datasheet HTML 74Page - STMicroelectronics STM32WB50CG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
DS13047 Rev 5
71/119
STM32WB50CG STM32WB30CE
Electrical characteristics
110
Table 40. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Standby)
Supply
current in
Standbymode
(backup
registers and
SRAM2a
retained),
RTC disabled
BLE disabled
No independent
watchdog
2.4 V 0.270 0.350 0.540 0.955 3.50
-
-
-
µA
3.0 V 0.270 0.370 0.575 1.00
3.85 0.380 0.945 8.505
3.6 V 0.300 0.410 0.645 1.15
4.20 0.400 1.040 8.980
BLE disabled
With
independent
watchdog
2.4 V 0.280 0.595 0.790 1.20
4.00
-
-
-
3.0 V 0.290 0.670 0.855 1.35
4.15 0.730 1.253 8.774
3.6 V 0.295 0.770 0.990 1.50
4.60 0.851 1.356 9.360
IDD
(Standby with
RTC)
Supply
current in
Standbymode
(backup
registers and
SRAM2a
retained),
RTC enabled
BLE disabled
RTC clocked by
LSI, no
independent
watchdog
2.4 V 0.630 0.705 0.910 1.30
3.80
-
-
-
3.0 V 0.725 0.825 1.050 1.50
3.95 0.930 1.463 8.977
3.6 V 0.860 0.970 1.200 1.70
4.25 1.050 1.628 9.634
RTC clocked by
LSI, with
independent
watchdog
2.4 V 0.635 0.790 0.975 1.40
4.10
-
-
-
3.0 V 0.725 0.915 1.100 1.55
4.50 1.028 1.573 9.072
3.6 V 0.870 1.050 1.300 1.80
4.90 1.144 1.723 9.730
RTC clocked by
LSE quartz (2) in
low drive mode
2.4 V 0.665 0.755 0.960 1.35
4.05
-
-
-
3.0 V 0.775 0.880 1.100 1.55
4.40 0.600 1.100 8.719
3.6 V 0.935 1.050 1.300 1.80
5.00 0.750 1.171 9.460
IDD
(SRAM2a)(3)
Supply
current to be
subtracted in
Standbymode
when
SRAM2a is
not retained
-
2.4 V 0.165 0.245 0.375 0.650 2.15
-
-
-
µA
3.0 V 0.155 0.250 0.385 0.630 2.25
-
-
-
3.6 V 0.155 0.235 0.375 0.670 2.20
-
-
-
IDD
(wakeup from
Standby)
Supply
current during
wakeup from
Standbymode
Wakeup clock is
HSI16. See (4).
3.0 V
-
1.73
-
-
-
-
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
3. The supply current in Standby with SRAM2a mode is: IDD(Standby) + IDD(SRAM2a). The supply current in Standby with
RTC with SRAM2a mode is: IDD(Standby + RTC) + IDD(SRAM2a).
4. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com