Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 68Page - STMicroelectronics STM32WB50CG Datasheet HTML 69Page - STMicroelectronics STM32WB50CG Datasheet HTML 70Page - STMicroelectronics STM32WB50CG Datasheet HTML 71Page - STMicroelectronics STM32WB50CG Datasheet HTML 72Page - STMicroelectronics STM32WB50CG Datasheet HTML 73Page - STMicroelectronics STM32WB50CG Datasheet HTML 74Page - STMicroelectronics STM32WB50CG Datasheet HTML 75Page - STMicroelectronics STM32WB50CG Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 119 page
background image
Electrical characteristics
STM32WB50CG STM32WB30CE
72/119
DS13047 Rev 5
Table 41. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Shutdown)
Supply current
in Shutdown
mode (backup
registers
retained) RTC
disabled
-
2.4 V 0.059 0.014 0.055 0.120 0.785
-
-
-
µA
3.0 V 0.064 0.037 0.070 0.180 1.000
-
0.185 2.670
3.6 V 0.071 0.093 0.140 0.280 1.300
-
0.247 3.120
IDD
(Shutdown
with RTC)
Supply current
in Shutdown
mode (backup
registers
retained) RTC
enabled
RTC clocked
by LSE
quartz (2) in
low drive
mode
2.4 V 0.425 0.405 0.460 0.540 1.200
-
-
-
3.0 V 0.535 0.535 0.595 0.700 1.500
-
0.664 2.990
3.6 V 0.695 0.720 0.790 0.940 2.000
-
0.790 3.730
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two
6.8 pF loading capacitors.
Table 42. Current consumption in VBAT mode
Symbol Parameter
Conditions
TYP
MAX(1)
Unit
-VBAT 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 40 °C 55 °C 85 °C
IDD(VBAT)
Backup
domain
supply
current
RTC disabled
2.4 V 1.00 2.00 5.00 12.0 60.0
-
----
nA
3.0 V 2.00 4.00 7.00 16.0 75.0
-
----
3.6 V 7.00 15.0 23.0 42.0
170
-
----
RTC enabled
and clocked
by LSE
quartz(2)
2.4 V 385 395
400
415
475
-
----
3.0 V 495 505
515
530
600
-
----
3.6 V 630 645
660
685
830
-
----
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
Table 43. Current under Reset condition
Symbol Conditions
TYP
MAX(1)
Unit
0 °C
25 °C
40 °C
55 °C
85 °C
0 °C
25 °C
40 °C
55 °C
85 °C
IDD(RST)
2.4 V
-
--
--
--
-
-
-
µA
3.0 V
-
550
-
-
-
-
750
-
-
-
3.6 V
-
750
-
-
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com