Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 26Page - STMicroelectronics STM32WB50CG Datasheet HTML 27Page - STMicroelectronics STM32WB50CG Datasheet HTML 28Page - STMicroelectronics STM32WB50CG Datasheet HTML 29Page - STMicroelectronics STM32WB50CG Datasheet HTML 30Page - STMicroelectronics STM32WB50CG Datasheet HTML 31Page - STMicroelectronics STM32WB50CG Datasheet HTML 32Page - STMicroelectronics STM32WB50CG Datasheet HTML 33Page - STMicroelectronics STM32WB50CG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 119 page
background image
Table 6. STM32WB50CG and STM32WB30CE modes overview
Mode
Regulator
CPU1
Flash
SRAM
Clocks
DMA and peripherals
Wakeup source
Consumption(1)
Wakeup time
Run
MR
Yes
ON(2)
ON
Any
All
N/A
107 µA/MHz
N/A
LPRun
LPR
Yes
ON(2)
ON
Any
except
PLL
All except RF, RNG
N/A
103 µA/MHz
15.33 µs
Sleep
MR
No
ON(2)
ON(3)
Any
All
Any interrupt
or event
41 µA/MHz
9 cycles
LPSleep
LPR
No
ON(2)
ON(3)
Any
except
PLL
All except RF, RNG
Any interrupt
or event
45 µA/MHz
9 cycles
Stop 0
MR
No
OFF
ON
LSE,
LSI,
HSE(4),
HSI16(5)
RF, BOR, PVD
RTC, IWDG
USART1(6)
I2C1(7)
LPTIMx (x=1, 2)
All other peripherals are frozen.
Reset pin, all I/Os,
RF, BOR, PVD
RTC, IWDG
USART1
I2C1
LPTIMx (x=1, 2)
105 µA
1.7 µs
Stop 1
LPR
No
OFF
ON
LSE,
LSI,
HSE(4),
HSI16(5)
RF, BOR, PVD
RTC, IWDG
USART1(6)
I2C1(7)
LPTIMx (x=1, 2)
All other peripherals are frozen.
Reset pin, all I/Os
RF, BOR, PVD
RTC, IWDG
USART1
I2C1
LPTIMx (x=1, 2)
9.25 µA w/o RTC
9.45 µA w RTC
4.7 µs
Stop 2
LPR
No
OFF
ON
LSE,
LSI
RF, BOR, PVD
RTC, IWDG
LPTIM1
All other peripherals are frozen.
Reset pin, all I/Os
RF, BOR, PVD
RTC, IWDG
LPTIM1
1.85 µA w/o RTC
2.25 µA w RTC
5.71 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com