Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 65Page - STMicroelectronics STM32WB50CG Datasheet HTML 66Page - STMicroelectronics STM32WB50CG Datasheet HTML 67Page - STMicroelectronics STM32WB50CG Datasheet HTML 68Page - STMicroelectronics STM32WB50CG Datasheet HTML 69Page - STMicroelectronics STM32WB50CG Datasheet HTML 70Page - STMicroelectronics STM32WB50CG Datasheet HTML 71Page - STMicroelectronics STM32WB50CG Datasheet HTML 72Page - STMicroelectronics STM32WB50CG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 119 page
background image
DS13047 Rev 5
69/119
STM32WB50CG STM32WB30CE
Electrical characteristics
110
Table 36. Current consumption in Low-power sleep modes, Flash memory in Power down
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-fHCLK
25 °C
55 °C
85 °C
25 °C
85 °C
IDD(LPSleep)
Supply current in
low-power sleep
mode
fHCLK = fMSI
All
peripherals
disabled
2 MHz
94.0
115
200
135
610
µA
1 MHz
56.5
86.0
170
94.2
560
400 kHz
40.5
66.5
150
68.0
540
100 kHz
27.5
57.5
140
54.6
539
1. Guaranteed by characterization results, unless otherwise specified.
Table 37. Current consumption in Stop 2 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 0 °C 25 °C 40 °C 55 °C 85 °C 0 °C 25 °C 85 °C
IDD
(Stop 2)
Supply current
in Stop 2
mode, RTC
disabled
BLE disabled
2.4 V 1.10 1.85
3.20
6.00
22.0
-
-
-
µA
3.0 V 1.10 1.85
3.25
6.10
22.0 1.60 4.17
57.9
3.6 V 1.15 1.95
3.35
6.25
23.0 1.69 4.40
58.6
IDD
(Stop 2
with
RTC)
Supply current
in Stop 2
mode, RTC
enabled, BLE
disabled
RTC clocked
by LSI
2.4 V 1.45 2.25
3.55
6.40
22.5
-
-
-
3.0 V 1.50 2.30
3.70
6.55
22.5 2.11 4.64
58.3
3.6 V 1.75 2.50
3.95
6.85
23.5 2.26 5.12
59.7
RTC clocked by
LSE quartz(2)
in low drive
mode
2.4 V 1.45 2.25
3.65
6.40
22.5
-
-
-
3.0 V 1.55 2.45
3.80
6.65
23.0 2.01 4.31
58.0
3.6 V 1.70 2.55
4.05
6.95
23.5 2.16 4.40
81.6
IDD
(wakeup
from
Stop 2)
Supply current
during
wakeup from
Stop 2 mode
bypass mode
Wakeup clock is
MSI = 32 MHz.
See(3).
3.0 V
-
320
-
-
-
-
-
-
1. Guaranteed based on test during characterization, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
3. Wakeup with code execution from Flash memory. Average value given for a typical wakeup time as specified in Table 45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com