Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB50CG Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32WB50CG
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 or 802.15.4 radio solution
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB50CG Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32WB50CG Datasheet HTML 111Page - STMicroelectronics STM32WB50CG Datasheet HTML 112Page - STMicroelectronics STM32WB50CG Datasheet HTML 113Page - STMicroelectronics STM32WB50CG Datasheet HTML 114Page - STMicroelectronics STM32WB50CG Datasheet HTML 115Page - STMicroelectronics STM32WB50CG Datasheet HTML 116Page - STMicroelectronics STM32WB50CG Datasheet HTML 117Page - STMicroelectronics STM32WB50CG Datasheet HTML 118Page - STMicroelectronics STM32WB50CG Datasheet HTML 119Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 119 page
background image
Revision history
STM32WB50CG STM32WB30CE
118/119
DS13047 Rev 5
03-Jul-2020
4
Added STM32WB30CE device.
Updated Features, Section 2: Description, Section 3.3.4: Embedded
SRAM, Section 3.6.5: Typical RF application schematic, Section 6.3.10:
External clock source characteristics, Section 7.1: UFQFPN48 package
information and Section 8: Ordering information.
Updated Table 1: STM32WB50CG and STM32WB30CE device features
and peripheral counts, footnote of Table 3: RF pin list, Table 14:
STM32WB50CG and STM32WB30CE pin and ball definitions and its
footnotes, Table 15: Alternate functions, footnote 1 of Table 16: Voltage
characteristics, footnote 1 of Table 17: Current characteristics, Table 20:
General operating conditions, Table 22: RF transmitter BLE
characteristics (1 Mbps), Table 23: RF receiver BLE characteristics (1
Mbps), Table 26: RF receiver 802.15.4 characteristics, footnote 2 of
Table 48: HSE crystal requirements, Table 58: Flash memory
characteristics and Table 86: Package thermal characteristics.
Added footnotes to Table 19: Main performance at VDD = 3.3 V,
Table 24: RF BLE power consumption for VDD = 3.3 V, Table 27: RF
802.15.4 power consumption for VDD = 3.3 V and Table 76: VBAT
monitoring characteristics.
Updated Figure 6: Power supply overview, Figure 11: Power supply
scheme and Figure 22: ADC accuracy characteristics.
Added Figure 2: STM32WB30CExx block diagram and Figure 30:
STM32WB30CE UFQFPN48 marking example (package top view).
Added Table 49: HSE clock source characteristics.
Minor text edits across the whole document.
13-Apr-2021
5
Updated document title, Features, Section 1: Introduction, Section 2:
Description, Section 3.3.4: Embedded SRAM, Section 3.6: RF
subsystem, Section 3.6.2: BLE general description, Section 3.7.3: Power
supply supervisor, Section 3.14: Analog to digital converter (ADC),
Section 6.1.2: Typical values, Section 6.3.10: External clock source
characteristics, Section 7.1: UFQFPN48 package information and
Section 8: Ordering information.
Updated Table 1: STM32WB50CG and STM32WB30CE device features
and peripheral counts, Table 3: RF pin list, Table 5: Features over all
modes, Table 6: STM32WB50CG and STM32WB30CE modes overview,
Table 14: STM32WB50CG and STM32WB30CE pin and ball definitions,
Table 15: Alternate functions, Table 19: Main performance at VDD = 3.3
V, Table 29: Embedded reset and power control block characteristics,
Table 44: Peripheral current consumption, Table 49: HSE clock source
characteristics, footnote 2 of Table 51: Low-speed external user clock
characteristics and Table 76: VBAT monitoring characteristics.
Added Table 47: Wakeup time using USART.
Updated Figure 3: STM32WB50CG and STM32WB30CE RF front-end
block diagram, Figure 7: Clock tree and Figure 22: ADC accuracy
characteristics.
Table 87. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com