Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 42Page - STMicroelectronics STM32L010K4 Datasheet HTML 43Page - STMicroelectronics STM32L010K4 Datasheet HTML 44Page - STMicroelectronics STM32L010K4 Datasheet HTML 45Page - STMicroelectronics STM32L010K4 Datasheet HTML 46Page - STMicroelectronics STM32L010K4 Datasheet HTML 47Page - STMicroelectronics STM32L010K4 Datasheet HTML 48Page - STMicroelectronics STM32L010K4 Datasheet HTML 49Page - STMicroelectronics STM32L010K4 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
Electrical characteristics
STM32L010F4/K4
46/91
DS12323 Rev 3
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 22. Current consumption in Run mode vs code type, code with data processing
running from RAM(1)
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD (Run
from
RAM)
Supply current in
Run mode, code
executed from
RAM, Flash
memory switched
OFF
fHSE = fHCLK up to 16 MHz,
included,
fHSE = fHCLK/2 above 16 MHz
(PLL ON)(2)
Range 3
VCORE =1.2 V
VOS[1:0] = 11
Dhrystone
4 MHz
385
µA
CoreMark
-(3)
Fibonacci
350
while(1)
340
Range 1
VCORE =1.8 V
VOS[1:0] = 01
Dhrystone
32 MHz
4.5
mA
CoreMark
-(3)
Fibonacci
4.2
while(1)
3
1. Guaranteed by characterization results, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3. CoreMark code is unable to run from RAM since the RAM size is only 2 Kbytes.
Table 23. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD
(Sleep)
Supply current
in Sleep
mode, Flash
memory OFF
fHSE = fHCLK up to 16 MHz
included,
fHSE = fHCLK/2 above 16
MHz (PLL ON)(2)
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
136.5
70
µA
258
95
4
100
150
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
4
125
170
8
230
300
16
450
540
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
8
275
350
16
555
650
32
1350
1600
MSI clock
Range 3,
VCORE =1.2 V,
VOS[1:0] = 11
0.065
15.5
32
0.524
26.5
55
4.2
115
160
HSI16 clock source (16
MHz)
Range 2,
VCORE =1.5 V,
VOS[1:0] = 10
16
585
670
Range 1,
VCORE =1.8 V,
VOS[1:0] = 01
32
1500
1700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com