Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 69Page - STMicroelectronics STM32L010K4 Datasheet HTML 70Page - STMicroelectronics STM32L010K4 Datasheet HTML 71Page - STMicroelectronics STM32L010K4 Datasheet HTML 72Page - STMicroelectronics STM32L010K4 Datasheet HTML 73Page - STMicroelectronics STM32L010K4 Datasheet HTML 74Page - STMicroelectronics STM32L010K4 Datasheet HTML 75Page - STMicroelectronics STM32L010K4 Datasheet HTML 76Page - STMicroelectronics STM32L010K4 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
DS12323 Rev 3
73/91
STM32L010F4/K4
Electrical characteristics
81
Equation 1: RAIN max formula
The presented formula above (Equation 1) is a representation of an hypothetical ideal ADC
and illustrates how the parameters influence each other. It is not to be used for computation
of actual values.
tSTAB(3)
Power-up time
-
0
0
1
µs
tConV(3)
Total conversion time
(including sampling time)
fADC = 16 MHz
0.875
-
10.81
µs
-
14 to 173 (tS for sampling +12.5 for
successive approximation)
1/fADC
1. VDDA minimum value can be decreased in specific temperature conditions.
Refer to Table 53: RAIN max for fADC = 16 MHz.
2. A current consumption proportional to the APB clock frequency has to be added
Refer to Table 29: Peripheral current consumption in run or Sleep mode.
3. Guaranteed by design, not tested in production.
4. Standard channels have an extra protection resistance which depends on supply voltage.
Refer to Table 53: RAIN max for fADC = 16 MHz.
Table 52. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RAIN
TS
fADC CADC
2
N2
+
()
ln
×
×
---------------------------------------------------------------- R
ADC
–
<
Table 53. RAIN max for fADC = 16 MHz(1)
Ts (cycles)
tS (µs)
RAIN max for fast
channels (kΩ)
RAIN max for standard channels (kΩ)
VDD > 2.7 V
VDD > 2.4 V
VDD > 2.0 V
VDD > 1.8 V
1.5
0.09
0.5
< 0.1
NA
NA
NA
3.5
0.22
1
0.2
< 0.1
NA
NA
7.5
0.47
2.5
1.7
1.5
< 0.1
NA
12.5
0.78
4
3.2
3
1
NA
19.5
1.22
6.5
5.7
5.5
3.5
NA
39.5
2.47
13
12.2
12
10
NA
79.5
4.97
27
26.2
26
24
< 0.1
160.5
10.03
50
49.2
49
47
32
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com