Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 14Page - STMicroelectronics STM32L010K4 Datasheet HTML 15Page - STMicroelectronics STM32L010K4 Datasheet HTML 16Page - STMicroelectronics STM32L010K4 Datasheet HTML 17Page - STMicroelectronics STM32L010K4 Datasheet HTML 18Page - STMicroelectronics STM32L010K4 Datasheet HTML 19Page - STMicroelectronics STM32L010K4 Datasheet HTML 20Page - STMicroelectronics STM32L010K4 Datasheet HTML 21Page - STMicroelectronics STM32L010K4 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
Functional overview
STM32L010F4/K4
18/91
DS12323 Rev 3
3.4
Reset and supply management
3.4.1
Power supply schemes
•
VDD (1.8 to 3.6 V): external power supply for I/Os and the internal regulator. Provided
externally through VDD pins.
•
VSSA, VDDA (1.8 to 3.6 V): external analog power supplies for ADC, reset blocks, RCs
and PLL. VDDA and VSSA must be connected to VDD and VSS, respectively.
3.4.2
Power supply supervisor
The STM32L010F4/K4 feature an integrated zeropower power-on reset (POR)/power-down
reset (PDR) that can be coupled with a brownout reset (BOR) circuitry.
After the VDD threshold is reached, the option byte loading process starts, either to confirm
or modify default thresholds, or to disable the BOR permanently.
The BOR is active at power-on, and ensures proper operation starting from 1.8 V, whatever
the power ramp-up phase before it reaches 1.8 V.
Five BOR thresholds are available through option bytes, starting from 1.8 V to 3 V. To
reduce the power consumption in Stop mode, it is possible to automatically switch off the
internal reference voltage (VREFINT) in Stop mode. The device remains in reset mode when
VDD is below a specified threshold, VPOR/PDR or VBOR, without the need for any external
reset circuit.
3.4.3
Voltage regulator
The regulator has three operation modes: main (MR), low power (LPR) and power down.
•
MR is used in Run mode (nominal regulation)
•
LPR is used in the Low-power run, Low-power sleep and Stop modes
•
Power down is used in Standby mode. The regulator output is high impedance, the
kernel circuitry is powered down, inducing zero consumption but the contents of the
registers and RAM are lost except for the standby circuitry (wakeup logic, IWDG, RTC,
LSI, LSE crystal 32 kHz oscillator, RCC_CSR).
3.4.4
Boot modes
At startup, BOOT0 pin and nBOOT0, nBOOT1 and nBOOT_SEL option bits are used to
select one of the three following boot options:
•
Boot from Flash memory
•
Boot from system memory
•
Boot from embedded RAM
The bootloader is located in system memory. It is used to reprogram the Flash memory by
using SPI1 (PA4, PA5, PA6 and PA7) or USART2 (PA2, PA3).
If the bootloader is activated (the bootloader is active on all empty devices due to the empty
check mechanism), then the above mentioned bits are configured depending on whether
SPI1 or USART2 functionality is used.
See the application note STM32 microcontroller system memory boot mode (AN2606) for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com