Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 18Page - STMicroelectronics STM32L010K4 Datasheet HTML 19Page - STMicroelectronics STM32L010K4 Datasheet HTML 20Page - STMicroelectronics STM32L010K4 Datasheet HTML 21Page - STMicroelectronics STM32L010K4 Datasheet HTML 22Page - STMicroelectronics STM32L010K4 Datasheet HTML 23Page - STMicroelectronics STM32L010K4 Datasheet HTML 24Page - STMicroelectronics STM32L010K4 Datasheet HTML 25Page - STMicroelectronics STM32L010K4 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
Functional overview
STM32L010F4/K4
22/91
DS12323 Rev 3
16 configurable interrupt/event lines. The 7 other lines are connected to RTC, USART, I2C,
LPUART or LPTIM events.
3.8
Memories
The STM32L010F4/K4 integrate the following memories:
•
2 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait
state. With the enhanced bus matrix, operating the RAM does not lead to any
performance penalty during accesses to the system bus (AHB and APB buses).
•
the non-volatile memory divided into three arrays:
–
16 Kbytes of embedded Flash program memory
–
128 bytes of data EEPROM
–
information block containing 32 user and factory options bytes, plus 4 Kbytes of
system memory
The user options bytes are used to write-protect or read-out protect the memory (4-Kbyte
granularity) and/or readout-protect the whole memory with the following options:
•
Level 0: no protection
•
Level 1: memory readout protected
The Flash memory cannot be read or written if either debug features are connected or
boot in RAM is selected.
•
Level 2: chip readout protected, debug features (Cortex-M0+ serial wire) and boot in
RAM selection disabled (debugline fuse)
3.9
Direct memory access (DMA)
The flexible 7-channel, general-purpose DMA is able to manage memory-to-memory,
peripheral-to-memory and memory-to-peripheral transfers. The DMA controller supports
circular buffer management, avoiding the generation of interrupts when the controller
reaches the end of the buffer.
Each channel is connected to dedicated hardware DMA requests, with software trigger
support for each channel. Configuration is done by software and transfer sizes between
source and destination are independent.
The DMA can be used with the main peripherals: SPI, I2C, USART, LPUART,
general-purpose timers, and ADC.
3.10
Analog-to-digital converter (ADC)
A native 12-bit, extended to 16-bit through hardware oversampling, analog-to-digital
converter is embedded into the STM32L010F4/K4. The ADC has up to 10 external channels
and one internal channel (voltage reference). Three channels (PA0, PA4 and PA5) are fast
channels, while the others are standard channels.
The ADC performs conversions in single-shot or scan mode. In scan mode, automatic
conversion is performed on a selected group of analog inputs.
The ADC frequency is independent from the CPU frequency, allowing maximum sampling
rate of 1.14 Msps even with a low CPU speed. The ADC consumption is low at all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com