Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 62Page - STMicroelectronics STM32L010K4 Datasheet HTML 63Page - STMicroelectronics STM32L010K4 Datasheet HTML 64Page - STMicroelectronics STM32L010K4 Datasheet HTML 65Page - STMicroelectronics STM32L010K4 Datasheet HTML 66Page - STMicroelectronics STM32L010K4 Datasheet HTML 67Page - STMicroelectronics STM32L010K4 Datasheet HTML 68Page - STMicroelectronics STM32L010K4 Datasheet HTML 69Page - STMicroelectronics STM32L010K4 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
Electrical characteristics
STM32L010F4/K4
66/91
DS12323 Rev 3
6.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 48 are derived from tests
performed under the conditions summarized in Table 15. All I/Os are CMOS and TTL
compliant.
Table 47. I/O current injection susceptibility
Symbol
Description
Functional susceptibility
Unit
Negative
injection
Positive
injection
IINJ
Injected current on BOOT0
–0
NA(1)
1. Current injection is not possible.
mA
Injected current on PA0, PA4, PA5,
PA11, PA12, PC15, PH0 and PH1
–5
0
Injected current on all FT pins
–5(2)
2. It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject
negative currents.
NA(1)
Injected current on any other pin
–5(2)
+5
Table 48. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
TC, FT, RST I/Os
-
-
0.3VDD
V
BOOT0 pin
-
-
0.14VDD(1)
VIH
Input high level voltage
All I/Os except
BOOT0 pin
0.7 VDD
--
Vhys
I/O Schmitt trigger
voltage hysteresis (2)
Standard I/Os
-
10% VDD
(3)
-
BOOT0 pin
-
0.01
-
Ilkg
Input leakage current
(4)
VSS ≤ VIN ≤ VDD
All I/Os except
PA11, PA12 and
BOOT0 pins
--
±50
nA
VSS ≤ VIN ≤ VDD
PA11, PA12 pins
-
-
–50/+250
VDD ≤ VIN ≤ 5 V All
I/Os except PA11,
PA12 and BOOT0
pins
--
200
VDD ≤ VIN ≤ 5V
PA11, PA12 and
BOOT0 pins
-
-
10
µA
RPU
Weak pull-up
equivalent resistor(5)
VIN = VSS
25
45
65
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com