Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 37Page - STMicroelectronics STM32L010K4 Datasheet HTML 38Page - STMicroelectronics STM32L010K4 Datasheet HTML 39Page - STMicroelectronics STM32L010K4 Datasheet HTML 40Page - STMicroelectronics STM32L010K4 Datasheet HTML 41Page - STMicroelectronics STM32L010K4 Datasheet HTML 42Page - STMicroelectronics STM32L010K4 Datasheet HTML 43Page - STMicroelectronics STM32L010K4 Datasheet HTML 44Page - STMicroelectronics STM32L010K4 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
DS12323 Rev 3
41/91
STM32L010F4/K4
Electrical characteristics
81
6.3.3
Embedded internal reference voltage
The parameters given in Table 18 are based on characterization results, unless otherwise
specified.
VPOR/PDR
Power on/power down reset
threshold
Falling edge
1
1.5
1.8
V
Rising edge
1.3
1.5
1.8
VBOR0
Brownout reset threshold 0
Falling edge
1.67
1.7
1.74
Rising edge
1.69
1.76
1.8
VBOR1
Brownout reset threshold 1
Falling edge
1.87
1.93
1.97
Rising edge
1.96
2.03
2.07
VBOR2
Brownout reset threshold 2
Falling edge
2.22
2.30
2.35
Rising edge
2.31
2.41
2.44
VBOR3
Brownout reset threshold 3
Falling edge
2.45
2.55
2.6
Rising edge
2.54
2.66
2.7
VBOR4
Brownout reset threshold 4
Falling edge
2.68
2.8
2.85
Rising edge
2.78
2.9
2.95
Vhyst
Hysteresis voltage
BOR0 threshold
-
40
-
mV
All BOR thresholds excepting BOR0
-
100
-
1. Guaranteed by characterization results, not tested in production.
Table 16. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 17. Embedded internal reference voltage calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at temperature of 25°C, VDDA= 3 V
0x1FF8 0078 - 0x1FF8 0079
Table 18. Embedded internal reference voltage(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT out(2)
Internal reference voltage
–40 °C < TJ < +85 °C
1.202
1.224
1.242
V
TVREFINT
Internal reference startup time
-
-
2
3
ms
VVREF_MEAS
VDDA voltage during VREFINT
factory measure
-2.99
3
3.01
V
AVREF_MEAS
Accuracy of factory-measured
VREFINT value(3)
Including uncertainties
due to ADC and VDDA
values
--
±5
mV
TCoeff(4)
Temperature coefficient
–40 °C < TJ < +85 °C
-
25
100
ppm/°C
0 °C < TJ < +50 °C
-
-
20
ACoeff(4)
Long-term stability
1000 hours, T= 25 °C
-
-
1000
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com