Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L010K4 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32L010K4
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16-Kbyte Flash memory, 2-Kbyte SRAM, 128-byte EEPROM, ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K4 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32L010K4 Datasheet HTML 48Page - STMicroelectronics STM32L010K4 Datasheet HTML 49Page - STMicroelectronics STM32L010K4 Datasheet HTML 50Page - STMicroelectronics STM32L010K4 Datasheet HTML 51Page - STMicroelectronics STM32L010K4 Datasheet HTML 52Page - STMicroelectronics STM32L010K4 Datasheet HTML 53Page - STMicroelectronics STM32L010K4 Datasheet HTML 54Page - STMicroelectronics STM32L010K4 Datasheet HTML 55Page - STMicroelectronics STM32L010K4 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
Electrical characteristics
STM32L010F4/K4
52/91
DS12323 Rev 3
Table 29. Peripheral current consumption in run or Sleep mode(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE = 1.8 V
VOS[1:0] = 01
Range 2,
VCORE =1.5 V
VOS[1:0] = 10
Range 3,
VCORE =1.2 V
VOS[1:0] = 11
Low-power
sleep and run
APB1
WWDG
2.5
2
1.6
2
µA/MHz
(fHCLK)
LPUART1
8.3
7.2
5.4
7.2
I2C1
11
8.2
6.8
8.9
LPTIM1
14
11
8.7
11
TIM2
10.5
8.5
6.4
8.5
USART2
8.5
6.8
5.4
7.1
APB2
ADC1(2)
53.9
3.3
4
SPI1
4.5
3.5
2.9
3.6
TIM21
6.8
6.1
4.5
5.6
DBGMCU
1.7
1.7
1.1
1.4
SYSCFG
2.5
2.4
1.6
2.3
Cortex-M0+
I/O port
GPIOA
7.6
6.3
4.9
6.5
GPIOB
5.1
4.1
3.2
4
GPIOC
1.1
0.7
0.6
0.8
AHB
CRC
1.5
1
FLASH(3)
00
0
0
DMA1
5.3
4.2
3.5
4.8
All enabled
96
80
62
88
PWR
2.5
2
2
1
1. Data based on differential IDD measurement between all peripherals OFF an one peripheral with clock enabled, in the
following conditions: fHCLK = 32 MHz (range 1), fHCLK = 16 MHz (range 2), fHCLK = 4 MHz (range 3), fHCLK = 64 KHz (Low-
power run/sleep), fAPB1 = fHCLK, fAPB2 = fHCLK, default prescaler value for each peripheral. The CPU is in Sleep mode in
both cases. No I/O pins toggling. Not tested in production.
2. HSI oscillator is OFF for this measure.
3. These values correspond to the Flash memory configuration interface consumption, which is negligible. To assess true
Flash memory consumption, compare relevant figures, like for example Table 19 and Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com