Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 23 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 23 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 26Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 27Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
22
Luminous Flux Bins
Table 5 lists the standard photometric luminous flux bins for LUXEON CZ Color Line emitters. Although several bins are outlined,
product availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON CZ Color Line.
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
Y
10
15
Z
15
20
A
20
25
B
25
30
C
30
35
D
35
40
E
40
45
F
45
50
G
50
55
H
55
60
J
60
65
K
65
70
L
70
75
M
75
80
N
80
90
P
90
100
Q
100
110
R
110
120
S
120
130
T
130
140
U
140
150
V
150
170
W
170
190
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Radiometric Power Bins
Table 6. Radiometric power bin definitions for LUXEON CZ Far Red, Deep Red, Royal Blue and Violet.
Color
Part numBEr
BIn
radIomEtrIC PoWEr [1] (mW)
mInImum
maXImum
Far Red
L1CU-FRD1000000000
Z
150
190
A
190
240
B
240
280
Deep Red
L1CU-DRD1000000000
A
190
240
B
240
280
C
280
320
Royal Blue
L1CU-RYL1000000000
E
360
400
F
400
440
G
440
480
H
480
520
Violet
L1CU-VTL1000000000
F
400
440
G
440
480
H
480
520
Notes for Table 6:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com