Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  L1CU-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
4
Optical Characteristics
Table 2a . Optical characteristics for LUXEON CZ Colors at 350mA, T
j=85°C .
Color
Part
numBEr
tyPICal sPECtral
HalF-WIdtH [1]
(nm)
tyPICal tEmPEraturE
CoEFFICIEnt oF domInant
or PEaK WaVElEnGtH
(nm/°C)
tyPICal total
InCludEd
anGlE [2]
tyPICal
VIEWInG
anGlE [3]
Far Red
L1CU-FRD1000000000
20
0.06
140°
120°
Deep Red
L1CU-DRD1000000000
20
0.06
140°
120°
Red
L1CU-RED1000000000
20
0.06
140°
120°
Red-Orange
L1CU-RNG1000000000
20
0.06
140°
120°
Amber
L1CU-AMB1000000000
20
0.06
140°
120°
PC Amber
L1CU-PCA1000000000
80
-0.01
140°
120°
Mint
L1CU-MNT1000000000
80
0.03
140°
120°
Lime
L1CU-LME1000000000
80
-0.01
140°
120°
Green
L1CU-GRN1000000000
35
0.04
140°
120°
Cyan
L1CU-CYN1000000000
20
0.03
140°
120°
Blue
L1CU-BLU1000000000
25
0.03
140°
120°
Royal Blue
L1CU-RYL1000000000
20
0.03
140°
120°
Violet
L1CU-VLT1000000000
20
0.03
140°
120°
Notes for Table 2a:
1. Spectral half-width is the spectral bandwidth at 50% of the peak intensity.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Table 2b . Optical characteristics for LUXEON CZ White at 350mA, T
j=85°C .
Color
Part numBEr
tyPICal total
InCludEd anGlE [1]
tyPICal VIEWInG anGlE [2]
White
L1CU-xxx0000000000
140°
120°
Notes for Table 2b:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com