Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L1CU-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON CZ Color Line are tested and binned with a DC drive current of 350mA at a junction temperature, T
j, of 85ºC.
Part Number Nomenclature
Part numbers for LUXEON CZ Colors follow the convention below:
L 1 C U –
A A A 1 0 0 0 0 0 0 0 0 0
Where:
A A A – designates color (FRD=Far Red, DRD=Deep Red, RED=Red, RNG=Red-Orange, AMB=Amber,
PCA=PC Amber, MNT=Mint, LME=Lime, GRN=Green, CYN=Cyan, BLU=Blue, RYL=Royal Blue, VLT=Violet)
Therefore, the following part number is used for a LUXEON CZ Red LED:
L 1 C U –
R E D 1 0 0 0 0 0 0 0 0 0
Part numbers for LUXEON CZ White follow the convention below:
L 1 C U –
A A B B 0 0 0 0 0 0 0 0 0
Where:
A A
– designates nominal CCT (27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K, 57=5700K, 65=6500K)
B B
– designates minimum CRI (70=70CRI, 80=80CRI, 90=90CRI)
Therefore, the following part number is used for a LUXEON CZ White 4000K 70CRI LED:
L 1 C U –
5 7 7 0 0 0 0 0 0 0 0 0 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON CZ is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the
RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted
materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com