Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1CU-RNG1000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1a . Product performance of LUXEON CZ Colors at 350mA, T
j=85ºC .
Color
domInant or
PEaK WaVElEnGtH ranGE [1] (nm)
lumInous FluX (lm) or
radIomEtrIC PoWEr [2] (mW)
Part
numBEr
mInImum
maXImum
mInImum
tyPICal
Far Red
720
750
150
240
L1CU-FRD1000000000
Deep Red
655
675
190
260
L1CU-DRD1000000000
Red
624
634
20
31
L1CU-RED1000000000
Red-Orange
614
624
25
37
L1CU-RNG1000000000
Amber
585
600
10
16
L1CU-AMB1000000000
PC Amber
–
–
65
88
L1CU-PCA1000000000
Mint
–
–
120
132
L1CU-MNT1000000000
Lime
–
–
120
138
L1CU-LME1000000000
Green
520
540
80
117
L1CU-GRN1000000000
Cyan
490
510
60
82
L1CU-CYN1000000000
Blue
465
485
25
34
L1CU-BLU1000000000
Royal Blue
440
460
360
432
L1CU-RYL1000000000
Violet
420
430
400
458
L1CU-VLT1000000000
Notes for Table 1a:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements. PC Amber, Mint and Lime are binned by chromaticity coordinates. Far Red, Deep Red, Royal Blue and Violet are binned
by peak wavelength. All other colors are binned by dominant wavelength.
2. Far Red, Deep Red, Royal Blue and Violet are binned by radiometric power. All other colors are binned by luminous flux.
Table 1b . Product performance of LUXEON CZ White at 350mA, T
j=85°C .
Color
nomInal
CCt
mInImum
CrI [1]
lumInous FluX [1] (lm)
tyPICal
lumInous EFFICaCy
(lm/W)
Part
numBEr
mInImum
tyPICal
White
4000K
70
100
109
113
L1CU-4070000000000
5000K
70
100
109
113
L1CU-5070000000000
5700K
70
100
109
113
L1CU-5770000000000
6500K
70
100
109
113
L1CU-6570000000000
2200K
80
75
89
92
L1CU-2280000000000
2700K
80
80
89
92
L1CU-2780000000000
3000K
80
90
95
99
L1CU-3080000000000
3500K
80
90
106
110
L1CU-3580000000000
4000K
80
90
99
103
L1CU-4080000000000
2700K
90
65
74
77
L1CU-2790000000000
3000K
90
65
79
82
L1CU-3090000000000
3500K
90
75
86
89
L1CU-3590000000000
4000K
90
75
89
92
L1CU-4090000000000
5700K
90
70
89
92
L1CU-5790000000000
Notes for Table 1b:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux and ±2 on CRI measurements for these products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com