Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 28 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 28 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 25Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 26Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 27Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 28Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 29Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 30Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 31Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
27
Reflow Soldering Guidelines
Table 12. Reflow profile characteristics for LUXEON CZ Color Line.
ProFIlE FEaturE
lEad-FrEE assEmBly
Preheat Minimum Temperature (T
smin)
150°C
Preheat Maximum Temperature (T
smax)
200°C
Preheat Time (t
smin to tsmax)
60 to 120 seconds
Ramp-Up Rate (T
L to Tp)
3°C / second maximum
Liquidus Temperature (T
L)
217°C
Time Maintained Above Temperature T
L (tL)
60 to 150 seconds
Peak / Classification Temperature (T
p)
260°C
Time Within 5°C of Actual Temperature (t
p)
20 to 40 seconds
Ramp-Down Rate (T
p to TL)
6°C / second maximum
Time 25°C to Peak Temperature
8 minutes maximum
JEDEC Moisture Sensitivity
Table 13 . Moisture sensitivity levels for LUXEON CZ Color Line .
lEVEl
Floor lIFE
soaK rEquIrEmEnts standard
tImE
CondItIons
tImE
CondItIons
1
Unlimited
≤30°C / 85% RH
168 Hours +5 / -0
85°C / 85% RH
T
p
T
L
25
Time 25ºC to Peak
JEDEC J-STD-020D
Critical Zone
T
L to Tp
t
L
t
p
Ramp-up
Ramp-down
Time
t
s
Preheat Area
T
smax
T
smin
Figure 12. Visualization of the acceptable reflow temperature profile as specified in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com