Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 2Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 3Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 4Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 5Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 6Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 7Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 8Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 9Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
5
Electrical and Thermal Characteristics
Table 3 . Electrical and thermal characteristics for LUXEON CZ Color Line at 350mA, T
j=85ºC .
Color
Part numBEr
ForWard VoltaGE [1] (V
f)
tyPICal tEmPEraturE
CoEFFICIEnt oF ForWard
VoltaGE [2] (mV/°C)
tyPICal tHErmal
rEsIstanCE—JunCtIon
to soldEr Pad (°C/W)
mInImum
tyPICal maXImum
Far Red
L1CU-FRD1000000000
1.50
1.90
2.30
-1.7
3.5
Deep Red
L1CU-DRD1000000000
1.50
2.05
2.30
-1.7
3.5
Red
L1CU-RED1000000000
1.75
2.00
2.50
-1.6
3.5
Red-Orange
L1CU-RNG1000000000
1.75
2.05
2.50
-1.6
3.5
Amber
L1CU-AMB1000000000
1.75
2.05
2.50
-2.0
3.5
PC Amber
L1CU-PCA1000000000
2.50
2.75
3.50
-1.7
3.5
Mint
L1CU-MNT1000000000
2.50
2.75
3.50
-2.7
3.2
Lime
L1CU-LME1000000000
2.50
2.75
3.50
-2.7
3.2
Green
L1CU-GRN1000000000
2.50
3.05
3.50
-2.4
4.0
Cyan
L1CU-CYN1000000000
2.50
3.05
3.50
-2.4
4.0
Blue
L1CU-BLU1000000000
2.50
2.83
3.50
-2.6
4.0
Royal Blue
L1CU-RYL0000000000
2.50
2.75
3.50
-1.7
3.2
Violet
L1CU-VLT1000000000
2.50
2.83
3.50
-1.7
3.2
White
L1CU-xxx0000000000
2.50
2.75
3.50
-1.7
3.2
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C and 85°C.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON CZ Color Line .
ParamEtEr
dEEP rEd
Far rEd,
rEd, rEd-oranGE,
amBEr and PC amBEr
GrEEn
and Cyan
BluE
and royal BluE
mInt, lImE,
VIolEt
and WHItE
DC Forward Current [1, 2]
700mA
1050mA
1050mA
1050mA
1225mA
Peak Pulsed Forward Current [1, 3]
875mA
1300mA
1300mA
1300mA
1500mA
LED Junction Temperature [1] (DC & Pulse)
135°C
120°C
135°C
135°C
135°C
ESD Sensitivity
(ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
LED Storage Temperature
-40°C to 135°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON C LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed the maximum peak pulsed forward current
3. At 10% duty cycle with pulse width of 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com