Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1CU-RNG1000000000 Datasheet(PDF) 20 Page - Lumileds Lighting Company

Part # L1CU-RNG1000000000
Description  Maximum punch in any application
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1CU-RNG1000000000 Datasheet(HTML) 20 Page - Lumileds Lighting Company

Back Button L1CU-RNG1000000000 Datasheet HTML 16Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 17Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 18Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 19Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 20Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 21Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 22Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 23Page - Lumileds Lighting Company L1CU-RNG1000000000 Datasheet HTML 24Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
DS198 LUXEON CZ Color Line Product Datasheet 20210826 ©2021 Lumileds Holding B.V. All rights reserved.
19
Figure 4g. Typical forward current vs. forward voltage for LUXEON CZ Violet at T
j=85°C .
Figure 4h. Typical forward current vs. forward voltage for LUXEON CZ White at T
j=85°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com