Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 28Page - Analog Devices ADE1202 Datasheet HTML 29Page - Analog Devices ADE1202 Datasheet HTML 30Page - Analog Devices ADE1202 Datasheet HTML 31Page - Analog Devices ADE1202 Datasheet HTML 32Page - Analog Devices ADE1202 Datasheet HTML 33Page - Analog Devices ADE1202 Datasheet HTML 34Page - Analog Devices ADE1202 Datasheet HTML 35Page - Analog Devices ADE1202 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 32 of 42
REGISTER MAP
Table 17. ADE1202 Address Map Register Summary
Address
Name
Description
Reset
Access
0x000
LOCK
Lock register
0x0001
R/W
0x001
CTRL
Control register
0x1080
R/W
0x002
BIN_CTRL
Binary channel control register
0x3610
R/W
0x003
BIN_THR
Binary channel threshold level register
0x5AAA
R/W
0x004
WARNA_THR
WARNAx channel threshold level register
0xCCCC
R/W
0x005
WARNB_THR
WARNBx channel threshold level register
0x5A88
R/W
0x006
WARNC_THR
WARNCx channel threshold level register
0x2D2D
R/W
0x007
BIN_FILTER
Binary channel configuration register
0x0096
R/W
0x008
WARNA_FILTER
WARNAx datapath configuration register
0x80FA
R/W
0x009
WARNB_FILTER
WARNBx datapath configuration register
0x80FA
R/W
0x00A
WARNC_FILTER
WARNCx datapath configuration register
0x80FA
R/W
0x00B
MASK
Interrupt mask register
0x4000
R/W
0x00C
INT_STATUS
Interrupt status register
0x0000
RW1C
0x00D
STATUS
Status register
0x4000
R
0x00E
ADC
ADC register
0x0000
R
0x00F
ADCDEC
ADC decimated register
0x0000
R
0x010
PL_CTRL
Programmable load control register
0x0000
R/W
0x011
PL_RISE_THR
Programmable load rise threshold register
0x001E
R/W
0x012
PL_LOW_CODE
Programmable load low code register
0x001E
R/W
0x013
PL_HIGH_CODE
Programmable load high code register
0x00C8
R/W
0x014
PL_HIGH_TIME
Programmable load high current period register
0x012C
R/W
0x015
EGY_MTR_CTRL
Energy meter control register
0x0505
R/W
0x016
EGY_MTR_THR
Energy meter max threshold register
0x9BA3
R/W
0x017
EGY_MTR1
Energy meter Channel 1 accumulator register
0x0000
R
0x018
EGY_MTR2
Energy meter Channel 2 accumulator register
0x0000
R
0x200
PL_EN
Programmable load enable register
0x0000
R/W
0x201
PGA_GAIN
PGA gain register
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com