Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 13Page - Analog Devices ADE1202 Datasheet HTML 14Page - Analog Devices ADE1202 Datasheet HTML 15Page - Analog Devices ADE1202 Datasheet HTML 16Page - Analog Devices ADE1202 Datasheet HTML 17Page - Analog Devices ADE1202 Datasheet HTML 18Page - Analog Devices ADE1202 Datasheet HTML 19Page - Analog Devices ADE1202 Datasheet HTML 20Page - Analog Devices ADE1202 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 17 of 42
ADE1202
POWERS UP
2.4V TO 2.6V
3.3V ± 10%
ADE1202
POWERED UP
0V
150ms
320µs
ADE1202
POWER-ON RESET TIMER
TURNED ON
RSTDONE
INTERRUPT
TRIGGERED
ADE1202
READY
MICROPROCESSOR
ACCESSES
ADE1202 SPI
ADDRESS PIN
VALUE SAMPLED
SPI READS BACK AS 0xFFFF
Figure 25. Power-Up Procedure for ADE1202 System
PGA
SAR
ADC
DATA
ISOLATION
DECIMATION
COMPARATOR
COMPARATOR
COMPARATOR
COMPARATOR
DEBOUNCE
DEBOUNCE
DEBOUNCE
DEBOUNCE
DOUTx PIN
WARNAx
WARNBx
WARNCx
INx
DOUTx
STATUS,
INT_STATUS
Figure 26. Digital Input Signal Path
DIGITAL INPUTS SIGNAL PATH
A typical ADE1202 application circuit is shown in Figure 23, which
includes external scaling using a voltage divider. The acceptable
input voltage between the INx and GNDF pins is given in Table 1.
Using the application circuit shown in Figure 23, ac input
signals are half wave rectified, as shown in Figure 23, and
require 10 ms + pickup time.
Figure 26 shows a detailed view of the digital signal conditioning
done within the ADE1202 IC to generate a DOUTx digital
output signal based on the input measured on the INx pins.
The following sections describe the functionality of each circuit
in detail.
PGA
The PGA stage allows four scaling factors, as shown in Table 14.
The input voltage range is the same as the INx input voltage
range (VIN in Table 1 and Table 14). To configure the gain over
the SPI, write to the PGA_GAIN register (Address 0x201),
Bits[1:0] (PGA_GAIN). It is recommended to choose the gain
that maximizes the range of the internal ADC, as shown in
Table 14, without setting the system thresholds outside the range of
the PGA.
By default, the PGA_GAIN bits are cleared to 00, which means
the PGA is set to 1.
Table 14. PGA Gain Settings
VIN
PGA
PGA_GAIN Register, Bits[1:0]
1.25
1×
00
0.625
2×
01
0.25
5×
10
0.125
10×
11
SAR ADC
After the PGA stage, the ADE1202 SAR ADC produces 8-bit
outputs, as shown in Figure 26. The ADE1202 has two
multiplexed channels that share one ADC. The ADC samples at
100 kSPS and each INx channels is sampled at 50 kSPS. The
digitized data is then passed through the isolation barrier.
To get an indication of when new ADC samples are ready,
configure the DOUT2/IRQ pin as an interrupt by setting the
IRQ_PIN_MODE bit in the CTRL register, and write 0x8000 to
the MASK register. The DOUT2/IRQ pin goes high for 1 μs and
then low for 9 μs at a rate of 100 kSPS, indicating when new
ADC samples are ready. When reading ADC samples, Bit 15 in
the MASK register, DREADY, must be the only interrupt
enabled so that MASK = 0x8000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com