Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 19Page - Analog Devices ADE1202 Datasheet HTML 20Page - Analog Devices ADE1202 Datasheet HTML 21Page - Analog Devices ADE1202 Datasheet HTML 22Page - Analog Devices ADE1202 Datasheet HTML 23Page - Analog Devices ADE1202 Datasheet HTML 24Page - Analog Devices ADE1202 Datasheet HTML 25Page - Analog Devices ADE1202 Datasheet HTML 26Page - Analog Devices ADE1202 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 23 of 42
GATE DRIVE
The GATE pin is used to drive two external high voltage
enhancement mode FETs, Q1 and Q2. After power-up, the
GATE pin is biased at VGATENOM to allow Q1 and Q2 to conduct
the constant current while protecting the LOADx pins, as
shown in Figure 37. Two 10 Ω, external, gate current limiting
resistors (R13 and R14), and a 0.1 µF gate capacitor (C5) are
required for stability. Table 1 shows the nominal VGATENOM
voltage (see Figure 37).
During a pulsed current, VGATENOM is regulated to reduce the
voltage on the LOADx pins to minimize on-chip power
consumption.
When two FETs are conducting, the corresponding LOADx pin
for the FET with the larger gate source voltage (VGS) is at 0.6 V
and the other LOADx pin is at a higher voltage, as determined
by FET mismatch.
When one FET is conducting, the corresponding LOADx pin is
at 2.8 V, or as close as possible based on FET VGS. The LOADx pin
voltage is higher with one FET conducting to allow a fast
response in case the other FET must turn on.
After a pulsed current period, the GATE voltage is regulated
back to VGATENOM. The ADE1202 is compatible with FETs with a
maximum VGS of 6 V. It is recommended to use the same FET
for both channels, and FET to FET mismatch of up to 2 V is
supported.
Q1
E5
FB
GATE
IN2
IN1
R13
LOAD1
R14
10Ω
10Ω
LOAD2
C4
0.1µF
C3
0.1µF
C5
0.1µF
MOV
V1
V2
275VAC/350VDC
≤300V
R7
E1
C1
10nF
ADE1202
GNDF
MOV
275VAC/350VDC
D1
R9
E3
10Ω
FB
10Ω
FB
R10
E4
10Ω
FB
C2
10nF
Q2
E6
FB
VGS2
VGS1
R12
1.1kΩ
R11
1.1kΩ
1nF
1nF
≤300V
R1
95.3kΩ
R2
95.3kΩ
R3
95.3kΩ
R4
95.3kΩ
R5
95.3kΩ
R6
95.3kΩ
D2
D3
C6
C7
Figure 37. FET Gate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com