Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 12 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE1202 Datasheet HTML 8Page - Analog Devices ADE1202 Datasheet HTML 9Page - Analog Devices ADE1202 Datasheet HTML 10Page - Analog Devices ADE1202 Datasheet HTML 11Page - Analog Devices ADE1202 Datasheet HTML 12Page - Analog Devices ADE1202 Datasheet HTML 13Page - Analog Devices ADE1202 Datasheet HTML 14Page - Analog Devices ADE1202 Datasheet HTML 15Page - Analog Devices ADE1202 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 12 of 42
TYPICAL PERFORMANCE CHARACTERISTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
HIGH_CODE VALUE
LOAD1
LOAD2
TA = 25°C
VDD = 2.97V
Figure 6. Programmable Load Pulse Current INL Error vs. HIGH_CODE Value
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
HIGH_CODE VALUE
LOAD1
LOAD2
TA = 25°C
VDD = 2.97V
Figure 7. Programmable Load Pulse Current DNL Error vs. HIGH_CODE Value
3
4
2
1
0
–1
–4
–3
–2
0
50
100
150
HIGH_CODE VALUE
200
250
VDD = 2.97V
–40°C
+105°C
+125°C
+25°C
Figure 8. Programmable Load Pulsed Current TUE on LOAD1 vs. HIGH_CODE
Value over Temperature
3
4
2
1
0
–1
–4
–3
–2
0
50
100
150
HIGH_CODE VALUE
200
250
VDD = 2.97V
–40°C
+105°C
+125°C
+25°C
Figure 9. Programmable Load Pulse Current TUE on LOAD2 vs. HIGH_CODE
Value over Temperature
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
010
20
30
LOW_CODE VALUE
40
50
60
TA = 25°C
VDD = 2.97V
LOAD1
LOAD2
Figure 10. Programmable Load Constant Current INL Error vs. LOW_CODE Value
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
LOW_CODE VALUE
0
10203040
50
60
TA = 25°C
VDD = 2.97V
LOAD1
LOAD2
Figure 11. Programmable Load Constant Current DNL Error vs. LOW_CODE Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com