Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE1202
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202 Datasheet(HTML) 4 Page - Analog Devices

  ADE1202 Datasheet HTML 1Page - Analog Devices ADE1202 Datasheet HTML 2Page - Analog Devices ADE1202 Datasheet HTML 3Page - Analog Devices ADE1202 Datasheet HTML 4Page - Analog Devices ADE1202 Datasheet HTML 5Page - Analog Devices ADE1202 Datasheet HTML 6Page - Analog Devices ADE1202 Datasheet HTML 7Page - Analog Devices ADE1202 Datasheet HTML 8Page - Analog Devices ADE1202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 4 of 42
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 3.3 V ± 10%, GND = 0 V, on-chip reference, and all specifications at TA = −40°C to +125°C, unless otherwise noted.
Table 1. Static Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS (IN1, IN2)
Input Voltage Range
VIN
0
1.25/PGA
V
PGA = 1, 2, 5, and 10
Input Sampling Current
IINx
−50
+50
nA
PGA = 1, 2, 5, and 10
GATE DRIVE (GATE)
Output Voltage
VGATENOM
6.9
V
Output Current
IGATE
3.5
μA
VGATENOM = 6.6 V
PROGRAMABLE LOAD (LOADx)
Leakage Resistance
58
kΩ
Programmable load is disabled
Constant Current
Resolution
6
bits
Range
0.11
6.3
mA
Typical programmable range
Total Unadjusted Error (TUE)1
−4.5
+4.5
%FSR
TUE at 25°C1
−2
+3.5
%FSR
Integral Nonlinearity (INL)
−1
+1
LSB
Differential Nonlinearity (DNL)
−0.5
+0.5
LSB
Offset
8
10
15
μA
Gain Error
−7
+0.1
+5.7
%FSR
Measured at Code 63 compared to
ideal value of 6.3 mA
Code 221
2
2.5
mA
Code 631
5.8
6.7
mA
Pulsed Current
Resolution
8
bits
Range
0.21
51
mA
Typical programmable range
TUE1
−4.5
+4.5
%FSR
TUE at 25°C1
−2
+3.5
%FSR
INL
−0.8
+2.1
LSB
DNL
−1.2
+1.4
LSB
Offset
9
10
14.5
μA
Gain Error
−7
+0.2
+6
%FSR
Measured at Code 255 compared to
ideal value of 51 mA
Code 2551
47
54
mA
THERMAL SHUTDOWN
See Thermal Shutdown section
Threshold1
TSD
170
°C
Junction temperature
Hysteresis1
25
°C
ISOLATION COMMON-MODE TRANSIENT IMMUNITY
(CMTI)
Common-mode voltage (|VCM|) = 2 kV
Static
50
kV/ μS
ADDR PIN INPUT
Input Current
IINH
1
μA
Input Current
IINL
1
μA
LOGIC INPUTS (MOSI, SCLK, CS)
Input High Voltage
VINH
2.4
V
Input Low Voltage
VINL
0.8
V
Input High Current
IINH
1
μA
Input Low Current
IINL
10
μA
Input Capacitance1
CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com